Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9985K6-GM935 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV9985K6-GM935
Description  Three-Channel, Closed-Loop, Switch Mode LED Driver IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9985K6-GM935 Datasheet(HTML) 4 Page - Supertex, Inc

  HV9985K6-GM935 Datasheet HTML 1Page - Supertex, Inc HV9985K6-GM935 Datasheet HTML 2Page - Supertex, Inc HV9985K6-GM935 Datasheet HTML 3Page - Supertex, Inc HV9985K6-GM935 Datasheet HTML 4Page - Supertex, Inc HV9985K6-GM935 Datasheet HTML 5Page - Supertex, Inc HV9985K6-GM935 Datasheet HTML 6Page - Supertex, Inc HV9985K6-GM935 Datasheet HTML 7Page - Supertex, Inc HV9985K6-GM935 Datasheet HTML 8Page - Supertex, Inc HV9985K6-GM935 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
HV9985
Supertex inc.
www.supertex.com
Doc.# DSFP-HV9985
C051513
Sym
Parameter
Min
Typ
Max Units Conditions
Internal Transconductance Opamp (Gm1, Gm2 and Gm3)
GB
Gain bandwidth product
#
-
1.0
-
MHz
75pF capacitance at COMP pin
A
V
Open loop DC gain
-
65
-
-
dB
Output open
V
CM
Input common-mode range
#
-0.3
-
3.0
V
---
V
O
Output voltage range
#
-
-
V
DD
-
---
G
M
Transconductance
-
500
625
750
μA/V ---
V
OFFSET
Input offset voltage
-
-5.0
-
5.0
mV
---
I
BIAS
Input bias current
#
-
0.5
1.0
nA
---
R
RATIO
Resistor divider ratio (∆V
CS/∆VCOMP)
#
-
0.11
-
-
---
External Clock Input
f
OSC1
Oscillator frequency
-
-
500
-
kHz
F
CLOCK = 6.0MHz
K
SW
Oscillator divider ratio
#
-
12.0
-
-
---
P
HI1
GATE1-GATE2 phase delay
#
-
120
-
O
---
GATE1-GATE3 phase delay
#
-
240
-
O
---
T
OFF,MIN
Minimum CLOCK low time
#
50
-
-
ns
---
T
ON,MIN
Minimum CLOCK high time
#
50
-
-
ns
---
V
CLOCK,HI
CLOCK input high
*
2.0
-
-
V
---
V
CLOCK,LO
CLOCK input low
*
-
-
0.8
V
---
Oscillator
F
osc1
Switching frequency (common for
all channels)
-
110
125
140
kHz
RT = 400kΩ
F
osc2
-
440
500
560
kHz
RT = 100kΩ
F
osc
Switching frequency range
#
-
-
1000
kHz
---
Disconnect Driver (FLT1, FLT2 and FLT3)
T
RISE,FAULT
Fault output rise time
*
-
-
300
ns
500pF capacitor at FLT pin
T
FALL,FAULT
Fault output fall time
*
-
-
200
ns
500pF capacitor at FLT pin
Short Circuit Protection (all three channels)
T
BLANK,SC
Blanking time
*
400
-
700
ns
---
G
SC
Gain for short circuit comparator
-
1.85
2.0
2.15
-
---
V
omin
Minimum current limit threshold
-
0.15
-
0.25
V
REF = GND
T
OFF
Propagation time for short circuit
detection
*
-
-
250
ns
FDBK = 2 • REF + 0.1V
SKIP timer
I
HC,SOURCE
Current source at SKIP pin used for
hiccup mode protection
-
-
5.0
-
μA
---
V
SKIP
ΔVoltage swing at SKIP pin
#
-
1.5
-
V
---
#
Denotes specifications guaranteed by design.
*
The specifications which apply over the full operating temperature range at 0OC < T
A < +85
O
C are guaranteed by design and characterization.
Electrical Characteristics (The * denotes the specifications which apply over the full operating ambient temperature range
0OC<T
A<+85
O
C, otherwise the specifications are at T
A = 25
O
C. V
IN = 24V, VDD1 = VDD2 = VDD3 = VDD unless otherwise noted.)


Similar Part No. - HV9985K6-GM935

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9980 SUTEX-HV9980 Datasheet
1Mb / 10P
   3-Channel LED Array Driver IC
HV9980WG-G SUTEX-HV9980WG-G Datasheet
1Mb / 10P
   3-Channel LED Array Driver IC
HV9982 SUTEX-HV9982 Datasheet
884Kb / 13P
   Three-Channel, Closed-Loop, Switch Mode LED Driver IC
logo
Microchip Technology
HV9982 MICROCHIP-HV9982 Datasheet
390Kb / 22P
   Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
logo
Supertex, Inc
HV9982K6-G SUTEX-HV9982K6-G Datasheet
884Kb / 13P
   Three-Channel, Closed-Loop, Switch Mode LED Driver IC
More results

Similar Description - HV9985K6-GM935

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9982 SUTEX-HV9982 Datasheet
884Kb / 13P
   Three-Channel, Closed-Loop, Switch Mode LED Driver IC
logo
Microchip Technology
HV9982 MICROCHIP-HV9982 Datasheet
390Kb / 22P
   Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
logo
NXP Semiconductors
UBA3077HN NXP-UBA3077HN Datasheet
205Kb / 25P
   Three-channel switched-mode LED driver
Rev. 1-8 February 2011
logo
Supertex, Inc
HV9963 SUTEX-HV9963 Datasheet
725Kb / 12P
   Closed Loop LED Driver with Enhanced PWM Dimming
logo
Bright Power Semiconduc...
BP3266A BPS-BP3266A Datasheet
245Kb / 2P
   Boost closed-loop thyristor dimming LED driver chip
Rev.1.0
logo
Shanghai Consonance Ele...
CN5820 CONSONANCE-CN5820 Datasheet
213Kb / 8P
   Switch-Mode High-Brightness LED Driver IC
logo
Shenzhen Huazhimei Semi...
HM5182S HMSEMI-HM5182S Datasheet
793Kb / 7P
   Self-locking switch three-function flashlight LED driver IC
HM5182 HMSEMI-HM5182 Datasheet
1,004Kb / 7P
   Self-locking switch three-function flashlight LED driver IC
HM5182H HMSEMI-HM5182H Datasheet
992Kb / 7P
   Self-locking switch three-function flashlight LED driver IC
HM5104BH HMSEMI-HM5104BH Datasheet
979Kb / 7P
   Self-locking switch three-function flashlight LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com