Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2409T Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2409T
Description  Monolithic Triple 9.5 ns CRT Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2409T Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2409T Datasheet HTML 1Page - National Semiconductor (TI) LM2409T Datasheet HTML 2Page - National Semiconductor (TI) LM2409T Datasheet HTML 3Page - National Semiconductor (TI) LM2409T Datasheet HTML 4Page - National Semiconductor (TI) LM2409T Datasheet HTML 5Page - National Semiconductor (TI) LM2409T Datasheet HTML 6Page - National Semiconductor (TI) LM2409T Datasheet HTML 7Page - National Semiconductor (TI) LM2409T Datasheet HTML 8Page - National Semiconductor (TI) LM2409T Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Typical Performance Characteristics (V
CC = 80V, VBB = 12V, CL = 8pF, VOUT = 40VPP (25V-65V),
Test Circuit -
Figure 2 unless otherwise specified)
DS100838-4
FIGURE 3. V
OUT vs VIN
DS100838-5
FIGURE 4. Speed vs Temperature
DS100838-6
FIGURE 5. LM2409 Pulse Response
DS100838-7
FIGURE 6. Power Dissipation vs Frequency
DS100838-8
FIGURE 7. Speed vs Offset
DS100838-9
FIGURE 8. Speed vs Load Capacitance
www.national.com
3


Similar Part No. - LM2409T

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LM240120BCW TOPWAY-LM240120BCW Datasheet
788Kb / 10P
   LCD Module User Manual
LM240120BFW TOPWAY-LM240120BFW Datasheet
753Kb / 12P
   LCD Module User Manual
LM240120BFW-1 TOPWAY-LM240120BFW-1 Datasheet
767Kb / 10P
   LCD Module User Manual
LM240120DCW TOPWAY-LM240120DCW Datasheet
729Kb / 10P
   LCD Module User Manual
LM240120DCW-1 TOPWAY-LM240120DCW-1 Datasheet
747Kb / 10P
   LCD Module User Manual
More results

Similar Description - LM2409T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
   Monolithic Triple 9.5 ns CRT Driver
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
   Monolithic Triple 7 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
   Monolithic Triple 5.5 ns CRT Driver
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
   Monolithic Triple 3 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
logo
National Semiconductor ...
LM2412A NSC-LM2412A Datasheet
818Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
LM2445 NSC-LM2445 Datasheet
758Kb / 14P
   Monolithic Triple 7.5 ns CRT Driver
LM2408 NSC-LM2408 Datasheet
154Kb / 8P
   Monolithic Triple 4.5 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com