Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9931 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV9931
Description  HV9931 Unity Power Factor LED Lamp Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9931 Datasheet(HTML) 1 Page - Supertex, Inc

  HV9931_08 Datasheet HTML 1Page - Supertex, Inc HV9931_08 Datasheet HTML 2Page - Supertex, Inc HV9931_08 Datasheet HTML 3Page - Supertex, Inc HV9931_08 Datasheet HTML 4Page - Supertex, Inc HV9931_08 Datasheet HTML 5Page - Supertex, Inc HV9931_08 Datasheet HTML 6Page - Supertex, Inc HV9931_08 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HV9931
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Features
Constant output current
Large step-down ratio
Unity power factor
Low input current harmonic distortion
Fixed frequency or fixed off-time operation
Internal 450V linear regulator
Input and output current sensing
Input current limit
Enable, PWM and phase dimming
Applications
Offline LED lamps and fixtures
Street lamps
Traffic signals
Decorative lighting
General Description
The HV9931 is a fixed frequency PWM controller IC designed
to control an LED lamp driver using a single-stage PFC
buckboost-buck topology. It can achieve a unity power factor
and a very high step-down ratio that enables driving a single
high-brightness LED from the 85-264VAC input without a
need for a power transformer. This topology allows reducing
the filter capacitors and using non-electrolytic capacitors to
improve reliability. The HV9931 uses open-loop peak current
control to regulate both the input and the output current. This
control technique eliminates a need for loop compensation,
limits the input inrush current, and is inherently protected from
input under-voltage condition.
Capacitive isolation protects the LED Lamp from failure of the
switching MOSFET. HV9931 provides a low-frequency PWM
dimming input that can accept an external control signal with a
duty ratio of 0-100% and a frequency of up to a few kilohertz.
The PWM dimming capability enables HV9931 phase control
solutions that can work with standard wall dimmers.
Typical Application Circuit
VIN
GATE
CS1
CS2
VDD
PWMD
RT
GND
Rref2
Rref1
RCS1
RCS2
C2
VIN
L1
L2
C1
Q1
D3
RS1
RS2
D4
VO
+
-
D1
D2
~AC
~AC
CIN
RT
HV9931
HV9931 Unity Power Factor LED Lamp Driver


Similar Part No. - HV9931_08

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9931 SUTEX-HV9931_07 Datasheet
717Kb / 8P
   HV9931 Unity Power Factor LED Lamp Driver
More results

Similar Description - HV9931_08

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9931 SUTEX-HV9931_07 Datasheet
717Kb / 8P
   HV9931 Unity Power Factor LED Lamp Driver
logo
First Silicon Co., Ltd
FC9931 FS-FC9931 Datasheet
427Kb / 6P
   Unity Power Factor LED Lamp Driver
logo
Supertex, Inc
HV9931 SUTEX-HV9931 Datasheet
516Kb / 7P
   UNITY POWER FACTOR LED LAMP DRIVER
logo
Emerson Network Power
AIF-PFCSERIES EMERSON-NETWORKPOWER-AIF-PFCSERIES Datasheet
144Kb / 2P
   Unity power factor
AIT02ZPFC-01NL EMERSON-NETWORKPOWER-AIT02ZPFC-01NL Datasheet
83Kb / 2P
   Unity power factor
logo
Princeton Technology Co...
PT6909 PTC-PT6909 Datasheet
177Kb / 4P
   Power Factor Correction LED Driver
PT6909 PTC-PT6909_10 Datasheet
514Kb / 8P
   Power Factor Correction LED Driver
logo
ON Semiconductor
NCL30000 ONSEMI-NCL30000 Datasheet
274Kb / 23P
   Power Factor Corrected Dimmable LED Driver
December, 2009 ??Rev. 0
NCL30486 ONSEMI-NCL30486 Datasheet
290Kb / 29P
   Dimmable Power Factor Corrected LED Driver
August, 2020 ??Rev. 0
NCL30002 ONSEMI-NCL30002 Datasheet
232Kb / 17P
   Power Factor Corrected Buck LED Driver
March, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com