Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B048T060M24A Datasheet(PDF) 1 Page - Vicor Corporation

Part # B048T060M24A
Description  Unregulated DC-DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048T060M24A Datasheet(HTML) 1 Page - Vicor Corporation

  B048T060M24A Datasheet HTML 1Page - Vicor Corporation B048T060M24A Datasheet HTML 2Page - Vicor Corporation B048T060M24A Datasheet HTML 3Page - Vicor Corporation B048T060M24A Datasheet HTML 4Page - Vicor Corporation B048T060M24A Datasheet HTML 5Page - Vicor Corporation B048T060M24A Datasheet HTML 6Page - Vicor Corporation B048T060M24A Datasheet HTML 7Page - Vicor Corporation B048T060M24A Datasheet HTML 8Page - Vicor Corporation B048T060M24A Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
NotRecommendedforNewDesigns
BCM® Bus Converter
Rev 1.0
vicorpower.com
Page 1 of 18
01/2014
800 927.9474
S
NRTL
CUS
Unregulated DC-DC Converter
BCM® Bus Converter
B048x060y24A
SW1
enable / disable
switch
F1
V
IN
PC
TM
-Out
+Out
-In
+In
L
O
A
D
BCM®
Bus Converter
FEATURES
48 Vdc – 6 Vdc 240 W Bus Converter
High efficiency (>95%) reduces system
power consumption
High power density (>817 W/in3)
reduces power system footprint by >40%
Contains built-in protection features:
- Undervoltage
- Overvoltage Lockout
- Overcurrent Protection
- Short circuit Protection
- Overtemperature Protection
Provides enable/disable control,
internal temperature monitoring
Can be paralleled to create multi-kW arrays
TYPICAL APPLICATIONS
High End Computing Systems
Automated Test Equipment
High Density Power Supplies
Communications Systems
DESCRIPTION
The VI Chip® bus converter is a high efficiency (>95%) Sine
Amplitude Converter™ (SAC™) operating from a 38 to 55 Vdc
primary bus to deliver an isolated, unregulated 4.8 to 6.9
output. The Sine Amplitude Converter offers a low AC
impedance beyond the bandwidth of most downstream
regulators; therefore capacitance normally at the load can be
located at the input to the Sine Amplitude Converter. Since the
transformation ratio of the B048x060y24A is 1/8, the
capacitance value can be reduced by a factor of 64x, resulting
in savings of board area, materials and total system cost.
The B048x060y24A is provided in a VI Chip package
compatible with standard pick-and-place and surface mount
assembly processes. The co-molded VI Chip package provides
enhanced thermal management due to a large thermal
interface area and superior thermal conductivity. The high
conversion efficiency of the B048x060y24A increases overall
system efficiency and lowers operating costs compared to
conventional approaches.
TYPICAL APPLICATION
PART NUMBER
PACKAGE STYLE
PRODUCT GRADE
F = J-Lead
T = -40° to 125°C
T = Through hole
M = -55° to 125°C
PART NUMBERING
For Storage and Operating Temperatures see Section 6.0 General Characteristics
060
x
y 24A
48
B0


Similar Part No. - B048T060M24A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048T060M24 VICOR-B048T060M24 Datasheet
1Mb / 12P
   BCM Bus Converter
More results

Similar Description - B048T060M24A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048X160Y24A VICOR-B048X160Y24A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
B048X320Y30A VICOR-B048X320Y30A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
B048X240Y30A VICOR-B048X240Y30A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
B048X480Y30A VICOR-B048X480Y30A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
B048X080Y24A VICOR-B048X080Y24A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
B048X096Y24A VICOR-B048X096Y24A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
logo
Power Systems GmbH+Co.K...
DUS-0503.3 POWER-SYSTEMS-DUS-0503.3 Datasheet
222Kb / 5P
   DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com