Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA723C Datasheet(PDF) 8 Page - Harris Corporation

Part # CA723C
Description  Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA723C Datasheet(HTML) 8 Page - Harris Corporation

  CA723C Datasheet HTML 1Page - Harris Corporation CA723C Datasheet HTML 2Page - Harris Corporation CA723C Datasheet HTML 3Page - Harris Corporation CA723C Datasheet HTML 4Page - Harris Corporation CA723C Datasheet HTML 5Page - Harris Corporation CA723C Datasheet HTML 6Page - Harris Corporation CA723C Datasheet HTML 7Page - Harris Corporation CA723C Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
7-10
CA723, CA723C
FIGURE 26. POSITIVE FLOATING REGULATOR CIRCUIT
FIGURE 27. NEGATIVE FLOATING REGULATOR CIRCUIT
FIGURE 28. REMOTE SHUTDOWN REGULATOR CIRCUIT WITH
CURRENT LIMITING
FIGURE 29. SHUNT REGULATOR CIRCUIT
Typical Application Circuits (Continued)
V+
VC
VZ
VREF
V-
COMP
C1
0.001
µF
CURRENT
LIMIT
REGULATED
OUTPUT-50V
CURRENT
SENSE
INV.
INPUT
INV.
INPUT
NON
R3
3k
VO
R5
3.9k
R4
3k
Circuit Performance Data:
Line Regulation (
∆V = 20V) 15mV
Load Regulation (
∆I
L = 50mA) 20mV
R1
R2
VI = 85V
TI
2N3442
RSCP
1
D1
12V
SK3062
NOTE: For applications employing the TO-5 Style Package and
where VZ is required, an external 6.2V zener diode should
be connected in series with VO (terminal 6)
V+
VC
VZ
VREF
V-
COMP
C1
0.001
µF
CURRENT
LIMIT
REGULATED
OUTPUT-100V
CURRENT
SENSE
INV.
INPUT
INV.
INPUT
NON
R3
3k
VO
R6
10k
R4
3k
Circuit Performance Data:
Line Regulation (
∆V
I = 20V) 30mV
Load Regulation (
∆I
L =100mA) 20mV
R2
R1
VI
TI
2N6211
D1
12V
SK3062
R5
10k
NOTE: For applications employing the TO-5 Style Package and
where VZ is required, an external 6.2V zener diode should
be connected in series with VO (terminal 6)
VI
V+
VC
VO RSCP
VREF
NON
INV
INPUT
V-
COMP
CURRENT
LIMIT
REGULATED
OUTPUT 5V
CURRENT
SENSE
INV.
INPUT
C1
0.001
µF
Circuit Performance Data:
Line Regulation (
∆V
I = 3V) 0.5mV
Load Regulation (
∆I
L = 50mA) 1.5mV
R1
R2
R4
2k
R3
2.k
Short Circuit Current 20mA
NOTE: 1. A current limiting transistor may be used for shutdown if
2. Add a diode if VO > 10V.
current limiting is not required.
NOTE 2
CCSL
LOGIC
INPUT
TI
2N3053
V+
VC
VO
VREF
INV
INPUT
V-
COMP
CURRENT LIMIT
REGULATED
OUTPUT 5V
CURRENT SENSE
NON INV.
INPUT
C1
0.005
µF
Circuit Performance Data:
Line Regulation (
∆V
I = 10V) 0.5mV
Load Regulation (
∆I
L = 100mA) 1.5mV
R1
R2
R4
100
R3
100
NOTE: For applications employing the TO-5 Style Package and
where VZ is required, an external 6.2V zener diode
should be connected in series with VO (terminal 6).
C
VZ
VI


Similar Part No. - CA723C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA723C INTERSIL-CA723C Datasheet
93Kb / 9P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
logo
List of Unclassifed Man...
CA723CE ETC2-CA723CE Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CA723C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA723 INTERSIL-CA723 Datasheet
93Kb / 9P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
logo
Harris Corporation
CA3085 HARRIS-CA3085 Datasheet
436Kb / 8P
   Positive Voltage Regulators from 1.7 to 46V at Currents Up to 100mA
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
   Output Voltage Adjustable from 1.30V to 36V
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
   Output voltage adjustable from 5V to 30V
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
   LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Holtek Semiconductor In...
HT16X2TX HOLTEK-HT16X2TX Datasheet
1Mb / 13P
   Operating voltage: 2V ~ 3.6V Output power up to 10dBm
logo
STMicroelectronics
LM217M STMICROELECTRONICS-LM217M Datasheet
115Kb / 11P
   MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
September 1997
logo
Unisonic Technologies
LM317M UTC-LM317M_10 Datasheet
251Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com