Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9801A Datasheet(PDF) 8 Page - Supertex, Inc

Part # HV9801A
Description  Switch Dimmable LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9801A Datasheet(HTML) 8 Page - Supertex, Inc

  HV9801A Datasheet HTML 1Page - Supertex, Inc HV9801A Datasheet HTML 2Page - Supertex, Inc HV9801A Datasheet HTML 3Page - Supertex, Inc HV9801A Datasheet HTML 4Page - Supertex, Inc HV9801A Datasheet HTML 5Page - Supertex, Inc HV9801A Datasheet HTML 6Page - Supertex, Inc HV9801A Datasheet HTML 7Page - Supertex, Inc HV9801A Datasheet HTML 8Page - Supertex, Inc HV9801A Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
HV9801A
Supertex inc.
www.supertex.com
Doc.# DSFP-HV9801A
B051412
8-Lead SOIC (Narrow Body) Package Outline (LG)
4.90x3.90mm body, 1.75mm height (max), 1.27mm pitch
1
8
Seating
Plane
Gauge
Plane
L
L1
L2
E
E1
D
e
b
A A2
A1
Seating
Plane
A
A
Top View
Side View
View B
View B
θ1
θ
Note 1
(Index Area
D/2 x E1/2)
View A-A
h
h
Note 1
Symbol
A
A1
A2
b
D
E
E1
e
h
L
L1
L2
θ
θ1
Dimension
(mm)
MIN 1.35* 0.10 1.25 0.31 4.80* 5.80* 3.80*
1.27
BSC
0.25 0.40
1.04
REF
0.25
BSC
0O
5O
NOM
-
-
-
-
4.90 6.00 3.90
-
-
-
-
MAX 1.75 0.25 1.65* 0.51 5.00* 6.20* 4.00*
0.50 1.27
8O
15O
JEDEC Registration MS-012, Variation AA, Issue E, Sept. 2005.
* This dimension is not specified in the JEDEC drawing.
Drawings are not to scale.
Supertex Doc. #: DSPD-8SOLGTG, Version I041309.
Note:
1.
This chamfer feature is optional. A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier;
an embedded metal marker; or a printed indicator.


Similar Part No. - HV9801A

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9801A SUTEX-HV9801A Datasheet
969Kb / 9P
   Switch Dimmable LED Driver
HV9801ALG-G SUTEX-HV9801ALG-G Datasheet
969Kb / 9P
   Switch Dimmable LED Driver
HV9801ANG-G SUTEX-HV9801ANG-G Datasheet
969Kb / 9P
   Switch Dimmable LED Driver
More results

Similar Description - HV9801A

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9801A SUTEX-HV9801A Datasheet
969Kb / 9P
   Switch Dimmable LED Driver
logo
Diodes Incorporated
AL1692-30B DIODES-AL1692-30B Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1692-10E DIODES-AL1692-10E Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1698 DIODES-AL1698 Datasheet
748Kb / 15P
   DIMMABLE LED DRIVER
September 2019
AL16937 DIODES-AL16937 Datasheet
327Kb / 15P
   BUCK DIMMABLE LED DRIVER
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
   TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
TE Connectivity Ltd
SSL-75W TEC-SSL-75W Datasheet
385Kb / 2P
   75W Non Dimmable LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com