Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B048X320Y30A Datasheet(PDF) 3 Page - Vicor Corporation

Part # B048X320Y30A
Description  Unregulated DC-DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048X320Y30A Datasheet(HTML) 3 Page - Vicor Corporation

  B048X320Y30A Datasheet HTML 1Page - Vicor Corporation B048X320Y30A Datasheet HTML 2Page - Vicor Corporation B048X320Y30A Datasheet HTML 3Page - Vicor Corporation B048X320Y30A Datasheet HTML 4Page - Vicor Corporation B048X320Y30A Datasheet HTML 5Page - Vicor Corporation B048X320Y30A Datasheet HTML 6Page - Vicor Corporation B048X320Y30A Datasheet HTML 7Page - Vicor Corporation B048X320Y30A Datasheet HTML 8Page - Vicor Corporation B048X320Y30A Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NotRecommendedforNewDesigns
BCM® Bus Converter
Rev 1.0
vicorpower.com
Page 3 of 18
01/2014
800 927.9474
B048x320y30A
2.0 ELECTRICAL CHARACTERISTICS (CONT.)
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
PROTECTION
Input overvoltage lockout threshold
VIN_OVLO+
55.1
59.0
60
V
Input overvoltage recovery threshold
VIN_OVLO-
55.0
56.0
60
V
Input overvoltage lockout hysteresis
VIN_OVLO_HYST
1.2
V
Overvoltage lockout response time
TOVLO
8
µs
Fault recovery time
TAUTO_RESTART
240
300
380
ms
Input undervoltage lockout threshold
VIN_UVLO-
28.5
31.1
37.4
V
Input undervoltage recovery threshold
VIN_UVLO+
28.5
33.7
37.4
V
Input undervoltage lockout hysteresis
VIN_UVLO_HYST
1.6
V
Undervoltage lockout response time
TUVLO
8
µs
Output overcurrent trip threshold
IOCP
11
14
19.5
A
Output overcurrent response time constant
TOCP
Effective internal RC filter
3.8
ms
Short circuit protection trip threshold
ISCP
20
A
Short circuit protection response time
TSCP
1
µs
Thermal shutdown threshold
TJ_OTP
125
ºC
Safe Operating Area Average & Peak
Output Voltage (V)
P (ave)
P (pk), < 10 ms
I (ave)
I (pk), < 10 ms
0
3
6
9
12
15
18
21
24
50
100
150
200
250
300
350
400
450
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
Figure 1 — Safe operating area


Similar Part No. - B048X320Y30A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048X060Y24A VICOR-B048X060Y24A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
B048X080Y24A VICOR-B048X080Y24A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
B048X096Y24A VICOR-B048X096Y24A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
B048X160Y24A VICOR-B048X160Y24A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
B048X240Y30A VICOR-B048X240Y30A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
More results

Similar Description - B048X320Y30A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048X160Y24A VICOR-B048X160Y24A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
B048X240Y30A VICOR-B048X240Y30A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
B048X060Y24A VICOR-B048X060Y24A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
B048X480Y30A VICOR-B048X480Y30A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
B048X080Y24A VICOR-B048X080Y24A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
B048X096Y24A VICOR-B048X096Y24A Datasheet
2Mb / 18P
   Unregulated DC-DC Converter
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
logo
Power Systems GmbH+Co.K...
DUS-0503.3 POWER-SYSTEMS-DUS-0503.3 Datasheet
222Kb / 5P
   DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com