Electronic Components Datasheet Search |
|
V24B48C200BG Datasheet(PDF) 4 Page - Vicor Corporation |
|
V24B48C200BG Datasheet(HTML) 4 Page - Vicor Corporation |
4 / 15 page 24V Mini Family Rev 4.9 vicorpower.com Page 4 of 15 01/2016 800 927.9474 24V Input Parameter Min Typ Max Unit Notes Efficiency S24B3V3C100BL (enhanced efficiency) 83.5 85.1 % Nominal input; full load; 25°C V24B3V3C100BL (standard efficiency) 80.4 81.4 Ripple and noise 71 89 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 4.14 4.3 4.46 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 2.5 3 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 30.3 Amps Current limit 30.9 34.8 41 Amps Output voltage 95% of nominal Short circuit current 21.2 34.8 41 Amps Output voltage <250mV 3.3VOUT, 100W (e.g. S24B3V3C100BL, V24B3V3C100BL) Parameter Min Typ Max Unit Notes Efficiency S24B3V3C150BL (enhanced efficiency) 84.0 86.5 % Nominal input; full load; 25°C V24B3V3C150BL (standard efficiency) 80.0 81.4 Ripple and noise 160 200 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 4.14 4.3 4.46 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 5 6 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 45.45 Amps Current limit 46.4 52.3 61.5 Amps Output voltage 95% of nominal Short circuit current 31.8 52.3 61.5 Amps Output voltage <250mV 3.3VOUT, 150W (e.g. S24B3V3C150BL, V24B3V3C150BL) Parameter Min Typ Max Unit Notes Efficiency S24B5C150BL (enhanced efficiency) 86.0 87.2 % Nominal input; full load; 25°C V24B5C150BL (standard efficiency) 83.5 84.8 Ripple and noise 50 63 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 6.03 6.25 6.47 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 3.7 4.5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 30 Amps Current limit 30.6 34.5 40.5 Amps Output voltage 95% of nominal Short circuit current 5 34.5 40.5 Amps Output voltage <250mV 5VOUT, 150W (e.g. S24B5C150BL, V24B5C150BL) Parameter Min Typ Max Unit Notes Efficiency S24B5C200BL (enhanced efficiency) 85.9 87.0 % Nominal input; full load; 25°C V24B5C200BL (standard efficiency) 80.5 84.9 Ripple and noise 95 119 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 6.07 6.3 6.53 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 5.1 5.5 Watts No load Load regulation ±0.02 ±0.45 % No load to full load; nominal input Load current 0 40 Amps Current limit 40.8 52 54.5 Amps Output voltage 95% of nominal Short circuit current 28 52 62 Amps Output voltage <250mV 5VOUT, 200W (e.g. S24B5C200BL, V24B5C200BL) MODULE SPECIFIC OPERATING SPECIFICATIONS |
Similar Part No. - V24B48C200BG |
|
Similar Description - V24B48C200BG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |