Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF1358F16 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # HDF1358F16
Description  Subject the device to 85??for 16 hours. Then release the filter into the room conditions
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF1358F16 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDF1358F16 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF1358F16 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF1358F16 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF1358F16 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF1358F16 Datasheet HTML 5Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAW FILTER
HDF135-8
F16
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 5
4.TEST
CIRCUIT
5. ENVIRONMENTAL CHARACTERISTICS
5-1 High temperature exposure
Subject the device to +85℃ for 16 hours. Then release the filter into the room conditions
for 24 hours prior to the measurement. It shall fulfill the specifications in 2.2.
5-2 Low temperature exposure
Subject the device to -40℃ for 16 hours. Then release the device into the room conditions
for 24 hours prior to the measurement. It shall fulfill the specifications in 2.2.
5-3 Temperature cycling
Subject the device to a low temperature of -40℃for 30 minutes. Following by a high
temperature of +85℃ for 30 Minutes. Then release the device into the room conditions
for 24 hours prior to the measurement. It shall meet the specifications in 2.2.
5-4 Resistance to solder heat
Dip the device terminals no closer than 1.5mm into the solder bath at 260℃ ±10℃ for
10±1 sec. Then release the device into the room conditions for 4 hours. The device shall
meet the specifications in 2.2.
5-5 Solderability
Subject the device terminals into the solder bath at 245℃ ±5℃ for 5s, More than 95%
area of the terminals must be covered with new solder. It shall meet the specifications in
2.2.
5-6 Mechanical shock
Drop the device randomly onto the concrete floor from the height of 1m 3 times. the device
shall fulfill the specifications in 2.2.
5-7 Vibration
Subject the device to the vibration for 1 hour each in x,y and z axes with the amplitude of
1.5 mm at 10 to 55 Hz. The device shall fulfill the specifications in 2.2.


Similar Part No. - HDF1358F16

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF135T SHOULDER-HDF135T Datasheet
167Kb / 6P
   SAW FILTER
HDF135TS24 SHOULDER-HDF135TS24 Datasheet
124Kb / 6P
   This specification shall cover the characteristics of SAW filter F135T
More results

Similar Description - HDF1358F16

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLP32300100KIT ZILOG-ZLP32300100KIT Datasheet
823Kb / 21P
   Release the device key. The LED is ON
logo
Tyco Electronics
408-8704 MACOM-408-8704 Datasheet
342Kb / 7P
   Depress the upper release button located in the C?밾ead and slide the nest into place.
logo
Japan Aviation Electron...
ES10 JAE-ES10 Datasheet
290Kb / 5P
   Just need to insert the stripped wire into the connector for connection.
logo
Texas Instruments
SPNZ186 TI1-SPNZ186 Datasheet
144Kb / 43P
[Old version datasheet]   This document describes the known exceptions to the functional specifications for the device.
SPNZ187 TI1-SPNZ187 Datasheet
127Kb / 36P
[Old version datasheet]   This document describes the known exceptions to the functional specifications for the device.
logo
Tyco Electronics
408-10266 MACOM-408-10266 Datasheet
373Kb / 6P
   Insert the shank of the nest into the yoke and tighten the set screw.
logo
TE Connectivity Ltd
408-8639 TEC-408-8639 Datasheet
28Kb / 1P
   Push the tool into the contact cavity on the locking lance side of the connector
logo
Surge Components
SPH2G331MND3045 SURGE-SPH2G331MND3045 Datasheet
263Kb / 2P
   The capacitor can be inserted into the PCB board
logo
Roithner LaserTechnik G...
GRP532-655 ROITHNER-GRP532-655 Datasheet
91Kb / 2P
   do not look into the path of the laser beam
logo
List of Unclassifed Man...
X9DR7-LN4F ETC1-X9DR7-LN4F Datasheet
1Mb / 1P
   Insert the desired number of DIMMs into the memory slots
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com