Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM48BX030Y210A00 Datasheet(PDF) 11 Page - Vicor Corporation

Part # BCM48BX030Y210A00
Description  Isolated Fixed Ratio DC-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM48BX030Y210A00 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button BCM48BX030Y210A00 Datasheet HTML 7Page - Vicor Corporation BCM48BX030Y210A00 Datasheet HTML 8Page - Vicor Corporation BCM48BX030Y210A00 Datasheet HTML 9Page - Vicor Corporation BCM48BX030Y210A00 Datasheet HTML 10Page - Vicor Corporation BCM48BX030Y210A00 Datasheet HTML 11Page - Vicor Corporation BCM48BX030Y210A00 Datasheet HTML 12Page - Vicor Corporation BCM48BX030Y210A00 Datasheet HTML 13Page - Vicor Corporation BCM48BX030Y210A00 Datasheet HTML 14Page - Vicor Corporation BCM48BX030Y210A00 Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
BCM48Bx030y210A00
BCM® Bus Converter
Rev 1.5
vicorpower.com
Page 11 of 20
08/2016
800 927.9474
General Characteristics
Specifications apply over all line and load conditions, unless otherwise noted;
boldface specifications apply over the temperature range of
-40°C ≤ TCASE ≤ 100°C (T-Grade); all other specifications are at TCASE = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Mechanical
Length
L
32.25 / [1.270] 32.50 / [1.280] 32.75 / [1.289] mm / [in]
Width
W
21.75 / [0.856] 22.00 / [0.866] 22.25 / [0.876] mm / [in]
Height
H
6.48 / [0.255] 6.73 / [0.265] 6.98 / [0.275]
mm / [in]
Volume
Vol
No heat sink
4.81 / [0.294]
cm3/ [in3]
Weight
W
14.5 / [0.512]
g / [oz]
Lead Finish
Nickel
0.51
2.03
µm
Palladium
0.02
0.15
Gold
0.003
0.051
Thermal
Operating temperature
TJ
BCM48Bx030T210A00 (T-Grade)
-40
125
°C
BCM48Bx030M210A00 (M-Grade)
-55
125
Thermal resistance
f
JC
Isothermal heatsink and
isothermal internal PCB
1
°C/W
Thermal capacity
5
Ws/°C
Assembly
Peak compressive force
applied to case (Z-axis)
Supported by J-lead only
6
lbs
5.41
lbs/ in2
Storage
Temperature
TST
BCM48Bx030T210A00 (T-Grade)
-40
125
°C
BCM48Bx030M210A00 (M-Grade)
-65
125
°C
ESD Withstand
ESDHBM
Human Body Model,
“JEDEC JESD 22-A114D.01”Class 1D
1000
V
ESDCDM
Charge Device Model,
“JEDEC JESD 22-C101-D”
400
Soldering
Peak temperature during reflow
MSL 4 (Datecode 1528 and later)
245
°C
Peak time above 217°C
60
90
s
Peak heating rate during reflow
1.5
3
°C/s
Peak cooling rate post reflow
1.5
6
°C/s
Safety
Working voltage (IN – OUT)
VIN_OUT
60
VDC
Isolation voltage (hipot)
VHIPOT
2,250
VDC
Isolation capacitance
CIN_OUT
Unpowered unit
2500
3200
3800
pF
Isolation resistance
RIN_OUT
At 500VDC
10
MTBF
MIL-HDBK-217Plus Parts Count - 25°C
Ground Benign, Stationary, Indoors /
Computer Profile
5.04
MHrs
Telcordia Issue 2 - Method I Case III;
25°C Ground Benign, Controlled
6.35
MHrs
Agency approvals / standards
cTUVus
cURus
CE Marked for Low Voltage Directive and ROHS recast directive, as applicable.


Similar Part No. - BCM48BX030Y210A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX040Y200B00 VICOR-BCM48BX040Y200B00 Datasheet
890Kb / 20P
   High efficiency (>94%) reduces system
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
   High power density
BCM48BX080Y240A00 VICOR-BCM48BX080Y240A00 Datasheet
753Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results

Similar Description - BCM48BX030Y210A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com