Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE68000 Datasheet(PDF) 6 Page - NEC

Part # NE68000
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE68000 Datasheet(HTML) 6 Page - NEC

Back Button NE68000 Datasheet HTML 2Page - NEC NE68000 Datasheet HTML 3Page - NEC NE68000 Datasheet HTML 4Page - NEC NE68000 Datasheet HTML 5Page - NEC NE68000 Datasheet HTML 6Page - NEC NE68000 Datasheet HTML 7Page - NEC NE68000 Datasheet HTML 8Page - NEC NE68000 Datasheet HTML 9Page - NEC NE68000 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
NE680 SERIES
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
100
.884
-12.9
9.246
166.6
.018
77.7
.964
-8.5
400
.729
-52.2
7.715
132.3
.056
58.5
.864
-27.8
800
.507
-90.1
5.509
101.2
.073
41.2
.704
-43.7
1000
.430
-105.8
4.722
89.8
.087
38.3
.657
-48.3
1500
.312
-138.0
3.398
66.8
.110
35.6
.591
-58.8
2000
.259
-167.5
2.645
48.2
.120
27.1
.561
-69.0
2500
.231
164.8
2.189
31.5
.137
23.2
.544
-78.5
3000
.223
139.5
1.876
16.9
.165
18.5
.539
-87.7
0.19
27.1
0.34
21.4
0.63
18.8
0.71
17.3
0.88
14.9
1.07
11.8
1.15
9.7
1.13
8.4
100
.972
-9.4
3.605
170.2
.017
81.6
.995
-3.5
400
.907
-34.2
3.315
146.5
.061
65.5
.966
-20.2
800
.778
-65.1
2.897
118.1
.104
45.6
.874
-37.5
1000
.706
-78.9
2.678
105.8
.114
38.1
.841
-44.3
1500
.561
-111.0
2.173
78.7
.135
21.4
.755
-58.4
2000
.457
-139.5
1.800
56.6
.147
11.8
.712
-70.4
2500
.389
-166.6
1.545
37.3
.145
4.8
.668
-80.5
3000
.356
167.0
1.358
20.7
.150
2.4
.651
-90.6
NE68018
VCE = 2.5 V, IC = 1 mA
VCE = 2.5 V, IC = 3 mA
0.12
23.3
0.19
17.4
0.35
14.4
0.42
13.7
0.65
12.1
0.82
10.9
1.08
8.5
1.20
6.9
100
.838
-17.7
13.662
163.3
.012
80.3
.965
-9.5
400
.610
-61.4
10.216
124.3
.037
61.1
.819
-28.3
800
.381
-99.4
6.605
94.4
.063
48.9
.661
-40.1
1000
.314
-114.8
5.516
83.9
.067
47.8
.630
-43.7
1500
.223
-149.1
3.855
63.0
.092
43.1
.587
-54.1
2000
.188
-178.0
2.963
45.9
.112
34.0
.569
-63.6
2500
.185
153.8
2.417
30.3
.130
33.0
.567
-72.1
3000
.173
129.0
2.063
16.4
.155
23.5
.563
-82.5
VCE = 6 V, IC = 5 mA
0.13
30.6
0.42
24.4
0.73
20.2
0.85
19.2
0.97
16.2
1.07
12.6
1.10
10.8
1.10
9.3
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
Coordinates in Ohms
Frequency in GHz
(VCE = 2.5 V, IC = 1 mA)
20
10
5
4
3
2
1.5
1
.8
.6
.4
.2
-.2
-.4
-.6
-.8
-1
-1.5
-2
-3
-4
-5
-10
-20
0
20
10
1.5
.8
.6
.4
.2
5
4
3
2
1
S22
0.1 GHz
S11
0.1 GHz
S22
3 GHz
S11
3 GHz
90˚
270˚
180˚
225˚
315˚
135˚
45˚
2.5
0.1
0.2
S12
0.1 GHz
S21
3 GHz
S21
0.1 GHz
S12
3 GHz
Note:
1.Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain


Similar Part No. - NE68000

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE680 CEL-NE680 Datasheet
935Kb / 19P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68018 CEL-NE68018 Datasheet
30Kb / 1P
   NONLINEAR MODEL
NE68019 CEL-NE68019 Datasheet
70Kb / 1P
   NONLINEAR MODEL
NE68030 CEL-NE68030 Datasheet
30Kb / 1P
   NONLINEAR MODEL
NE68033 CEL-NE68033 Datasheet
30Kb / 1P
   NONLINEAR MODEL
More results

Similar Description - NE68000

ManufacturerPart #DatasheetDescription
logo
NEC
NE856 NEC-NE856 Datasheet
257Kb / 25P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE681 NEC-NE681 Datasheet
218Kb / 20P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE021 ETC-NE021 Datasheet
171Kb / 12P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
celduc-relais
NE85619-A CELDUC-NE85619-A Datasheet
832Kb / 26P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
   NECs NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com