Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM48BX240Y300A00 Datasheet(PDF) 8 Page - Vicor Corporation

Part # BCM48BX240Y300A00
Description  Isolated Fixed Ratio DC-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM48BX240Y300A00 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button BCM48BX240Y300A00 Datasheet HTML 4Page - Vicor Corporation BCM48BX240Y300A00 Datasheet HTML 5Page - Vicor Corporation BCM48BX240Y300A00 Datasheet HTML 6Page - Vicor Corporation BCM48BX240Y300A00 Datasheet HTML 7Page - Vicor Corporation BCM48BX240Y300A00 Datasheet HTML 8Page - Vicor Corporation BCM48BX240Y300A00 Datasheet HTML 9Page - Vicor Corporation BCM48BX240Y300A00 Datasheet HTML 10Page - Vicor Corporation BCM48BX240Y300A00 Datasheet HTML 11Page - Vicor Corporation BCM48BX240Y300A00 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
BCM® Bus Converter
Rev 1.4
vicorpower.com
Page 8 of 20
08/2016
800 927.9474
BCM48Bx240y300A00
Application Characteristics
The following values, typical of an application environment, are collected at TCASE = 25ºC unless otherwise noted. See associated figures for general trend data.
Input Voltage (V)
-40°C
100°C
T
CASE:
25°C
1
3
5
7
9
11
13
38
40
42
44
46
47
49
51
53
55
Case Temperature (°C)
38V
48V
55V
V
IN:
94
96
98
-40
-20
0
20
40
60
80
100
Load Current (A)
V
IN:
38V
48V
55V
70
73
76
79
82
85
88
91
94
97
0
2
4
6
8
10
12
14
Figure 2 — No load power dissipation vs. Vin
Figure 3 — Full load efficiency vs. temperature; Vin
Figure 4 — Efficiency at TCASE = -40°C
Load Current (A)
V
IN:
38V
48V
55V
70
73
76
79
82
85
88
91
94
97
0
2
4
6
8
10
12
14
Figure 6 — Efficiency at TCASE = 25°C
Load Current (A)
38V
48V
55V
V
IN:
0
4
8
12
16
20
24
28
32
36
0
2
4
6
8
10
12
14
Figure 5 — Power dissipation at TCASE = -40°C
Load Current (A)
38V
48V
55V
V
IN:
0
3
6
9
12
15
18
21
24
27
0
2
4
6
8
10
12
14
Figure 7 — Power dissipation at TCASE = 25°C


Similar Part No. - BCM48BX240Y300A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX030Y210A00 VICOR-BCM48BX030Y210A00 Datasheet
743Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX040Y200B00 VICOR-BCM48BX040Y200B00 Datasheet
890Kb / 20P
   High efficiency (>94%) reduces system
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
   High power density
BCM48BX080Y240A00 VICOR-BCM48BX080Y240A00 Datasheet
753Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results

Similar Description - BCM48BX240Y300A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com