Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM352X125Y300A00 Datasheet(PDF) 5 Page - Vicor Corporation

Part # BCM352X125Y300A00
Description  Isolated Fixed Ratio DC-DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM352X125Y300A00 Datasheet(HTML) 5 Page - Vicor Corporation

  BCM352X125Y300A00 Datasheet HTML 1Page - Vicor Corporation BCM352X125Y300A00 Datasheet HTML 2Page - Vicor Corporation BCM352X125Y300A00 Datasheet HTML 3Page - Vicor Corporation BCM352X125Y300A00 Datasheet HTML 4Page - Vicor Corporation BCM352X125Y300A00 Datasheet HTML 5Page - Vicor Corporation BCM352X125Y300A00 Datasheet HTML 6Page - Vicor Corporation BCM352X125Y300A00 Datasheet HTML 7Page - Vicor Corporation BCM352X125Y300A00 Datasheet HTML 8Page - Vicor Corporation BCM352X125Y300A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
BCM® Bus Converter
Rev 2.0
vicorpower.com
Page 5 of 21
08/2016
800 927.9474
BCM352x125y300A00
Electrical Specifications (Cont.)
Specifications apply over all line and load conditions, unless otherwise noted;
boldface specifications apply over the temperature range of
-40°C ≤ TJ ≤ 125°C (T-Grade); all other specifications are at TJ = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Protection
Input overvoltage lockout threshold
VIN_OVLO+
380
387
400
V
Input overvoltage recovery threshold
VIN_OVLO-
366
383
390
V
Input undervoltage recovery
threshold
VIN_UVLO+
295
310
325
V
Input undervoltage lockout
threshold
VIN_UVLO-
270
295
325
V
Output overcurrent trip threshold
IOCP
VIN = 352V, 25ºC
32
42
52
A
Short circuit protection trip threshold
ISCP
60
A
Short circuit protection response
time
TSCP
1.2
µs
Thermal shutdown threshold
TJ_OTP
125
130
135
°C
0
50
100
150
200
250
300
350
400
450
500
11.4011.90
12.4012.90
Output Voltage (V)
P (ave)
P (pk) < 10ms
Figure 1 — Safe operating area


Similar Part No. - BCM352X125Y300A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM352X110Y300B00 VICOR-BCM352X110Y300B00 Datasheet
854Kb / 21P
   High power density
More results

Similar Description - BCM352X125Y300A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com