Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM4414BD1E13A2C02 Datasheet(PDF) 4 Page - Vicor Corporation

Part # BCM4414BD1E13A2C02
Description  Isolated Fixed-Ratio DC-DC Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM4414BD1E13A2C02 Datasheet(HTML) 4 Page - Vicor Corporation

  BCM4414BD1E13A2C02 Datasheet HTML 1Page - Vicor Corporation BCM4414BD1E13A2C02 Datasheet HTML 2Page - Vicor Corporation BCM4414BD1E13A2C02 Datasheet HTML 3Page - Vicor Corporation BCM4414BD1E13A2C02 Datasheet HTML 4Page - Vicor Corporation BCM4414BD1E13A2C02 Datasheet HTML 5Page - Vicor Corporation BCM4414BD1E13A2C02 Datasheet HTML 6Page - Vicor Corporation BCM4414BD1E13A2C02 Datasheet HTML 7Page - Vicor Corporation BCM4414BD1E13A2C02 Datasheet HTML 8Page - Vicor Corporation BCM4414BD1E13A2C02 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
BCM® in a VIA Package
Rev 1.5
vicorpower.com
Page 4 of 42
10/2016
800 927.9474
BCM4414xD1E13A2yzz
13
+HI
+LO
TOP VIEW
BCM in a 4414 VIA Package - Chassis (Lug) Mount
+LO
–HI
5 EXT BIAS
6 SCL
7 SDA
8 SGND
9 ADDR
PMBus™
PMBus™
24
–HI
+LO
TOP VIEW
BCM in a 4414 VIA Package - Board (PCB) Mount
+LO
+HI
9 ADDR
8 SGND
7 SDA
6 SCL
5 EXT BIAS
10
12
11
13
–LO
–LO
–LO
–LO
–LO
–LO
–LO
–LO
24
11
13
13
10
12
Pin Configuration
Pin Descriptions
Pin Number
Signal Name
Type
Function
1
+HI
HIGH SIDE POWER High voltage side positive power terminal
2
–HI
HIGH SIDE POWER
RETURN
High voltage side negative power terminal
3, 4
+LO
LOW SIDE
POWER
Low voltage side positive power terminal
5
EXT BIAS
INPUT
5V supply input
6
SCL
INPUT
I2C Clock, PMBus™ Compatible
7
SDA
INPUT/OUTPUT
I2C Data, PMBus Compatible
8
SGND
LOW SIDE
SIGNAL RETURN
Signal Ground
9
ADDR
INPUT
Address assignment - Resistor based
10, 11, 12, 13
–LO
LOW SIDE
POWER RETURN
Low voltage side negative power terminal
Note: The dot on the VIA housing indicates the location of the signal pin 9.
Notes: All signal pins (5, 6, 7, 8, 9) are referenced to the low voltage side and isolated from the high voltage side.
Keep SGND signal separated from the low voltage side power return terminal (–LO) in electrical design.


Similar Part No. - BCM4414BD1E13A2C02

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM4414BD1E13A2C02 VICOR-BCM4414BD1E13A2C02 Datasheet
1Mb / 40P
   Isolated, Fixed-Ratio DC-DC Converter
More results

Similar Description - BCM4414BD1E13A2C02

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com