Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM4414VD1E5135C02 Datasheet(PDF) 3 Page - Vicor Corporation

Part # BCM4414VD1E5135C02
Description  Isolated Fixed-Ratio DC-DC Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM4414VD1E5135C02 Datasheet(HTML) 3 Page - Vicor Corporation

  BCM4414VD1E5135C02 Datasheet HTML 1Page - Vicor Corporation BCM4414VD1E5135C02 Datasheet HTML 2Page - Vicor Corporation BCM4414VD1E5135C02 Datasheet HTML 3Page - Vicor Corporation BCM4414VD1E5135C02 Datasheet HTML 4Page - Vicor Corporation BCM4414VD1E5135C02 Datasheet HTML 5Page - Vicor Corporation BCM4414VD1E5135C02 Datasheet HTML 6Page - Vicor Corporation BCM4414VD1E5135C02 Datasheet HTML 7Page - Vicor Corporation BCM4414VD1E5135C02 Datasheet HTML 8Page - Vicor Corporation BCM4414VD1E5135C02 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
BCM® in a VIA Package
Rev 1.4
vicorpower.com
Page 3 of 41
09/2016
800 927.9474
BCM4414xD1E5135yzz
13
+HI
+LO
TOP VIEW
BCM in a 4414 VIA Package - Chassis (Lug) Mount
–LO
–HI
5 EXT BIAS
6 SCL
7 SDA
8 SGND
9 ADDR
PMBus™
PMBus™
2
4
–HI
–LO
TOP VIEW
BCM in a 4414 VIA Package - Board (PCB) Mount
+LO
+HI
9 ADDR
8 SGND
7 SDA
6 SCL
5 EXT BIAS
24
13
Pin Configuration
Pin Descriptions
Pin Number
Signal Name
Type
Function
1
+HI
HIGH SIDE POWER
Positive transformer power terminal on high voltage side
2
–HI
HIGH SIDE POWER
RETURN
Negative transformer power terminal on high voltage side
3
+LO
LOW SIDE
POWER
Positive transformer power terminal on low voltage side
4
–LO
LOW SIDE
POWER RETURN
Negative transformer power terminal on low voltage side
5
EXT BIAS
INPUT
5V supply input
6
SCL
INPUT
I2C Clock, PMBus™ Compatible
7
SDA
INPUT/OUTPUT
I2C Data, PMBus™ Compatible
8
SGND
LOW SIDE
SIGNAL RETURN
Signal Ground
9
ADDR
INPUT
Address assignment - Resistor based
Note: The dot on the VIA housing indicates the location of the signal pin 9.
Notes: All signal pins (5, 6, 7, 8, 9) are referenced to low voltage side and isolated from the high voltage side.
Keep SGND signal of the BCM in a VIA package separated from the low voltage side power return terminal (–LO) in electrical design.


Similar Part No. - BCM4414VD1E5135C02

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM4414VD1E5135C02 VICOR-BCM4414VD1E5135C02 Datasheet
1Mb / 40P
   Isolated, Fixed-Ratio DC-DC Converter
BCM4414VD1E5135C02 VICOR-BCM4414VD1E5135C02 Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
More results

Similar Description - BCM4414VD1E5135C02

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com