Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E1968A Datasheet(PDF) 11 Page - Keysight Technologies

Part # E1968A
Description  GSM/GPRS/EGPRS Test Application
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1968A Datasheet(HTML) 11 Page - Keysight Technologies

Back Button E1968A Datasheet HTML 7Page - Keysight Technologies E1968A Datasheet HTML 8Page - Keysight Technologies E1968A Datasheet HTML 9Page - Keysight Technologies E1968A Datasheet HTML 10Page - Keysight Technologies E1968A Datasheet HTML 11Page - Keysight Technologies E1968A Datasheet HTML 12Page - Keysight Technologies E1968A Datasheet HTML 13Page - Keysight Technologies E1968A Datasheet HTML 14Page - Keysight Technologies E1968A Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11 | Keysight | E1968A GSM/GPRS/EGPRS Test Application - Technical Overview
GMSK multislot-tolerant phase and frequency
error measurement
Types of signals
measured
Normal GSMK bursts from GPRS or EGPRS
signals, RACH bursts for a single uplink
timeslot only
Multislot input signal
conditions
≤ 30 dB difference in power level between
adjacent timeslots
Multislot signal
measurement capability
Measurement of one user-specified timeslot
transmitted as a single timeslot or four adjacent
timeslots
GPRS frequency capture
range
Signal must be within ± 100 kHz of test set’s
expected frequency for warranted performance
EGPRS frequency
capture range
Signal must be within ± 1 kHz of test set’s
expected frequency for warranted performance
Minimum input level
Signal at test set’s RF IN/OUT must have
transmit power ≥ –15 dBm for warranted
performance
Frequency error
measurement accuracy
< ± 12 Hz plus timebase accuracy for normal
bursts, < ± 18 Hz plus timebase accuracy for
RACH bursts
When using the RF generator as the RF refer-
ence frequency for the mobile, the RF generator
frequency error relative to the timebase refer-
ence must be added
rms phase error
measurement accuracy
< 1 degree
Peak phase error
measurement accuracy
< 4 degrees
Trigger sources
RF rise, protocol, immediate, auto, external
Trigger delay
Settable between ± 2.31 ms
Trigger qualification
On or off
Burst synchronization
Midamble, RF amplitude, none for a single up-
link timeslot; midamble for two uplink timeslots
and all EGPRS signals
Transmitter measurement specifications
Unless otherwise specified, transmitter measurements can be
performed in active cell (GSM), active cell (GPRS), and active cell
(EGPRS) operating modes.
GMSK multislot-tolerant phase and frequency
error measurement (continued)
Confidence level
Settable from 80 to 99.99 percent
Peak phase error pass/
fail maximum limit
Settable between 0 and 20 degrees
rms phase error pass/fail
maximum limit
Settable between 0 and 5 degrees
Frequency error pass/
fail maximum limit
Settable between 0 and 0.1 ppm
Numerical results
rms and peak phase error, frequency error,
pass/fail for each result
Displayed graphical
results
Peak phase error in degrees versus bits and
demodulated bits with settable marker and
pass/fail limits, variable bit and amplitude axes
Multi-measurement
capabilities
1 to 999 bursts; maximum, minimum, and
average phase and frequency error, and worst-
case frequency error results
Concurrency capabilities GMSK multislot-tolerant phase and frequency
error measurements can be made concurrently
with all other measurements
Supplemental characteristics
Frequency error
measurement resolution
0.01 Hz
Phase error
measurement resolution
0.01 degree
Typical rms phase
error uncertainty versus
transmitter actual error


Similar Part No. - E1968A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E196 GILWAY-E196 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
BCM Advanced Research.
E1961211060006R BCM-E1961211060006R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
E1961211100014R BCM-E1961211100014R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
logo
Agilent(Hewlett-Packard...
E1962B HP-E1962B Datasheet
879Kb / 26P
   cdma2000/IS-95/AMPS Mobile Test Application
logo
Keysight Technologies
E1962B KEYSIGHT-E1962B Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
More results

Similar Description - E1968A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6715A KEYSIGHT-E6715A Datasheet
1Mb / 7P
   E6701K GSM/GPRS and E6704A EGPRS
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
   GSM | GPRS Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com