Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E6701K Datasheet(PDF) 5 Page - Keysight Technologies

Part # E6701K
Description  E6704A EGPRS Lab Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E6701K Datasheet(HTML) 5 Page - Keysight Technologies

  E6701K Datasheet HTML 1Page - Keysight Technologies E6701K Datasheet HTML 2Page - Keysight Technologies E6701K Datasheet HTML 3Page - Keysight Technologies E6701K Datasheet HTML 4Page - Keysight Technologies E6701K Datasheet HTML 5Page - Keysight Technologies E6701K Datasheet HTML 6Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
E6701J is our latest application release for the industry leading call box and
the right choice for R&D engineers needing world-class functionality in a single
instrument. E6701J has several new capabilities including VAMOS type II, and
LTE/2G interRAT capabilities such as SRVCC voice capability, SMS over SGs,
and LTE neighbors and measurement reports.
E6701J with E6720A-001 is our emerging high-performance application. This is
designed for engineers who need early access to leading-edge technologies.
This application also supports baseband fading with the N5106A PXB baseband
generator and channel emulator. This functionality requires hardware options
E5515E-004, or E5515C-003 and 004.
For a complete comparison of our 8960 GSM/GPRS/EGPRS products please see
http://www.home.keysight.com/upload/cmc_upload/All/E1968A_E6701x_
FeatureComparison.pdf
Technical Specifications
These specifications apply to an E5515C/E mainframe with Option 002 installed
when used with the latest shipping version of the E6701J lab application.
The above application also includes functionality described within the
latest shipping version of E1968A GSM/GPRS/EGPRS test application
with firmware. Please refer to the E1968A data sheet for details and
specifications for all functionality covered within the E1968A at
http://literature.cdn.keysight.com/litweb/pdf/5990-5708EN.pdf
Specifications describe the test set’s warranted performance and are valid for
the unit’s operation within the stated environmental ranges unless otherwise
noted.
Supplemental characteristics are intended to provide typical, but non-warranted,
performance parameters that may be useful in applying the instrument. These
characteristics are shown in italics and labeled as “typical”. All units shipped
form the factory meet these typical numbers at +25 °C ambient temperature
without including measurement uncertainty.
E6701 Family of Lab Applications


Similar Part No. - E6701K

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E6700 INTEL-E6700 Datasheet
1Mb / 122P
   Core2 Extreme Processor
logo
List of Unclassifed Man...
E67008 ETC-E67008 Datasheet
34Kb / 1P
   Polypropylene Semi-Rigid Notebooks
logo
Keysight Technologies
E6702G KEYSIGHT-E6702G Datasheet
2Mb / 8P
   Interactive Functional Test Software
E6703J KEYSIGHT-E6703J Datasheet
719Kb / 40P
   Mobile Test Application
E6704A KEYSIGHT-E6704A Datasheet
533Kb / 15P
   E6702G cdma2000/IS-95/AMPS
More results

Similar Description - E6701K

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6715A KEYSIGHT-E6715A Datasheet
1Mb / 7P
   E6701K GSM/GPRS and E6704A EGPRS
E6717H KEYSIGHT-E6717H Datasheet
1Mb / 7P
   Lab Applications
logo
SparkFun Electronics
LAB-15230 SPARKFUN-LAB-15230 Datasheet
115Kb / 2P
   micro:bit Educator Lab Pack
4??7??9
logo
Keysight Technologies
E6719J KEYSIGHT-E6719J Datasheet
466Kb / 16P
   E6706G 1xEV-DO Lab Application
logo
API Technologies Corp
1404N APITECH-1404N Datasheet
632Kb / 1P
   Precision Lab Standard N Connectors
logo
u-blox AG
SARA-R4 U-BLOX-SARA-R4 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
logo
Keysight Technologies
E6706G KEYSIGHT-E6706G Datasheet
466Kb / 16P
   E6706G 1xEV-DO Lab Application
E1968A KEYSIGHT-E1968A Datasheet
1Mb / 22P
   GSM/GPRS/EGPRS Test Application
logo
Good Will Instrument Co...
GBS-1000 GWINSTEK-GBS-1000 Datasheet
3Mb / 2P
   Education Lab and Training Institution
logo
Recom International Pow...
RV-R RECOM-RV-R Datasheet
112Kb / 4P
   EN-61010 for Test, Measurement and Lab Use
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com