Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSPB546BS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NSPB546BS
Description  NICHIA BLUE LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NSPB546BS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NSPB546BS Datasheet HTML 1Page - List of Unclassifed Manufacturers NSPB546BS Datasheet HTML 2Page - List of Unclassifed Manufacturers NSPB546BS Datasheet HTML 3Page - List of Unclassifed Manufacturers NSPB546BS Datasheet HTML 4Page - List of Unclassifed Manufacturers NSPB546BS Datasheet HTML 5Page - List of Unclassifed Manufacturers NSPB546BS Datasheet HTML 6Page - List of Unclassifed Manufacturers NSPB546BS Datasheet HTML 7Page - List of Unclassifed Manufacturers NSPB546BS Datasheet HTML 8Page - List of Unclassifed Manufacturers NSPB546BS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
-1-
Nichia STSE-CB2129A
<Cat.No.020830>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
30
mA
Pulse Forward Current
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
120
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
265°C for 10sec.
IFP Conditions : Pulse Width
10msec. and Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20[mA]
-
3.6
4.0
V
Reverse Current
IR
VR= 5[V]
-
-
50
µA
Rank T
Iv
IF=20[mA]
600
720
860
mcd
Rank S
Iv
IF=20[mA]
430
500
600
mcd
Luminous Intensity
Rank R
Iv
IF=20[mA]
300
360
430
mcd
!
Measurement Uncertainty of the Luminous Intensity : ± 10%
Color Rank
(IF=20mA,Ta=25°C)
Rank W
x
0.11
0.11
0.15
0.15
y
0.04
0.10
0.10
0.04
!
Measurement Uncertainty of the Color Coordinates : ± 0.01
!
One delivery will include up to one color rank and three luminous intensity ranks of the products.
The quantity-ratio of the ranks is decided by Nichia.
2.TYPICAL INITIAL OPTICAL/ELECTRICAL CHARACTERISTICS
Please refer to figure’s page.
3.OUTLINE DIMENSIONS AND MATERIALS
Please refer to figure’s page.
Material as follows ;
Resin(Mold) :
Epoxy Resin
Leadframe
:
Ag plating Copper Alloy
<
=
<
=


Similar Part No. - NSPB546BS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPB500AS NICHIA-NSPB500AS Datasheet
230Kb / 15P
   BLUE LED
logo
Marl International Limi...
NSPB500AS MARL-NSPB500AS Datasheet
489Kb / 14P
   BLUE LED
logo
AAEON Technology
NSPB500AS AAEON-NSPB500AS Datasheet
489Kb / 14P
   SPECIFICATIONS FOR NICHIA BLUE LED
logo
NICHIA CORPORATION
NSPB500AS NICHIA-NSPB500AS_14 Datasheet
489Kb / 14P
   SPECIFICATIONS FOR NICHIA BLUE LED
logo
AAEON Technology
NSPB500AS AAEON-NSPB500AS_15 Datasheet
489Kb / 14P
   SPECIFICATIONS FOR NICHIA BLUE LED
More results

Similar Description - NSPB546BS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPB500S ETC-NSPB500S Datasheet
307Kb / 15P
   NICHIA BLUE LED
NSPB636AS ETC1-NSPB636AS Datasheet
364Kb / 15P
   SPECIFICATIONS FOR NICHIA BLUE LED
logo
AAEON Technology
NSPB510AS AAEON-NSPB510AS Datasheet
696Kb / 14P
   SPECIFICATIONS FOR NICHIA BLUE LED
NSPB300B AAEON-NSPB300B_15 Datasheet
474Kb / 14P
   SPECIFICATIONS FOR NICHIA BLUE LED
NSPB500AS AAEON-NSPB500AS_15 Datasheet
489Kb / 14P
   SPECIFICATIONS FOR NICHIA BLUE LED
NSPB300B AAEON-NSPB300B Datasheet
474Kb / 14P
   SPECIFICATIONS FOR NICHIA BLUE LED
logo
NICHIA CORPORATION
NSPB500AS NICHIA-NSPB500AS_14 Datasheet
489Kb / 14P
   SPECIFICATIONS FOR NICHIA BLUE LED
logo
List of Unclassifed Man...
NSPB320 ETC-NSPB320 Datasheet
367Kb / 15P
   SPECIFICATIONS FOR NICHIA BLUE LED
NSPB300A ETC-NSPB300A Datasheet
292Kb / 15P
   SPECIFICATIONS FOR NICHIA BLUE LED
logo
AAEON Technology
NSPB510AS AAEON-NSPB510AS_15 Datasheet
696Kb / 14P
   SPECIFICATIONS FOR NICHIA BLUE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com