Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E6717H Datasheet(PDF) 5 Page - Keysight Technologies

Part # E6717H
Description  Lab Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E6717H Datasheet(HTML) 5 Page - Keysight Technologies

  E6717H Datasheet HTML 1Page - Keysight Technologies E6717H Datasheet HTML 2Page - Keysight Technologies E6717H Datasheet HTML 3Page - Keysight Technologies E6717H Datasheet HTML 4Page - Keysight Technologies E6717H Datasheet HTML 5Page - Keysight Technologies E6717H Datasheet HTML 6Page - Keysight Technologies E6717H Datasheet HTML 7Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
05 | Keysight | E6701K GSM/GPRS and E6704A EGPRS Lab Applications - Technical Overview
E6701K Family of Lab Applications
E6701K is our latest application release for the industry leading call box and the right
choice for R&D engineers needing world-class functionality in a single instrument. The
E6701K added several new capabilities including LTE/2G interRAT handover.
This application also supports baseband fading with the N5106A PXB baseband genera-
tor and channel emulator. This functionality requires hardware options E5515E-004, or
E5515C-003 and 004.
For a complete comparison of our 8960 GSM/GPRS/EGPRS products please see
http://wireless.keysight.com/rfcomms/news/files/E1968A_E6701x_Feature%20Com-
parison-current.pdf
Technical Specifications
These specifications apply to an E5515 mainframe with Option 002 installed when used
with the latest shipping version of the E6701K lab application.
The above application also includes functionality described within the latest shipping
version of E1968A GSM/GPRS/EGPRS test application with firmware. Please refer to the
E1968A data sheet for details and specifications for all functionality covered within the
E1968A at:
http://www.keysight.com/find/E1968A
Specifications describe the test set’s warranted performance and are valid for the unit’s
operation within the stated environmental ranges unless otherwise noted.
Supplemental characteristics are intended to provide typical, but non-warranted, perfor-
mance parameters that may be useful in applying the instrument. These characteristics
are shown in italics and labeled as “typical”. All units shipped form the factory meet
these typical numbers at +25 °C ambient temperature without including measurement
uncertainty.


Similar Part No. - E6717H

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6715A KEYSIGHT-E6715A Datasheet
1Mb / 7P
   E6701K GSM/GPRS and E6704A EGPRS
E6716G KEYSIGHT-E6716G Datasheet
533Kb / 15P
   E6702G cdma2000/IS-95/AMPS
E6719J KEYSIGHT-E6719J Datasheet
466Kb / 16P
   E6706G 1xEV-DO Lab Application
More results

Similar Description - E6717H

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6701K KEYSIGHT-E6701K Datasheet
3Mb / 6P
   E6704A EGPRS Lab Applications
logo
SparkFun Electronics
LAB-15230 SPARKFUN-LAB-15230 Datasheet
115Kb / 2P
   micro:bit Educator Lab Pack
4??7??9
logo
Keysight Technologies
E6719J KEYSIGHT-E6719J Datasheet
466Kb / 16P
   E6706G 1xEV-DO Lab Application
logo
API Technologies Corp
1404N APITECH-1404N Datasheet
632Kb / 1P
   Precision Lab Standard N Connectors
logo
Keysight Technologies
E6706G KEYSIGHT-E6706G Datasheet
466Kb / 16P
   E6706G 1xEV-DO Lab Application
logo
Good Will Instrument Co...
GBS-1000 GWINSTEK-GBS-1000 Datasheet
3Mb / 2P
   Education Lab and Training Institution
logo
Recom International Pow...
RV-R RECOM-RV-R Datasheet
112Kb / 4P
   EN-61010 for Test, Measurement and Lab Use
logo
List of Unclassifed Man...
TN130 ETC2-TN130 Datasheet
106Kb / 1P
   Lab Grade Low TC Precision Film Resistors
logo
Vishay Siliconix
75550 VISHAY-75550 Datasheet
61Kb / 1P
   2-Inverter Assembly for the Power Electronics Lab
Revision: 24-Nov-15
logo
SparkFun Electronics
LAB-15229 SPARKFUN-LAB-15229 Datasheet
148Kb / 3P
   SparkFun Inventor is Kit for micro:bit Lab Pack
5??4??
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com