Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E6719J Datasheet(PDF) 3 Page - Keysight Technologies

Part # E6719J
Description  E6706G 1xEV-DO Lab Application
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E6719J Datasheet(HTML) 3 Page - Keysight Technologies

  E6719J Datasheet HTML 1Page - Keysight Technologies E6719J Datasheet HTML 2Page - Keysight Technologies E6719J Datasheet HTML 3Page - Keysight Technologies E6719J Datasheet HTML 4Page - Keysight Technologies E6719J Datasheet HTML 5Page - Keysight Technologies E6719J Datasheet HTML 6Page - Keysight Technologies E6719J Datasheet HTML 7Page - Keysight Technologies E6719J Datasheet HTML 8Page - Keysight Technologies E6719J Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
E6706G Functionality Overview
Standardized over-the-air protocol connections
The E6706G 1xEV-DO lab application includes call processing that supports the
standardized over-the-air protocols. The 1xEV-DO lab application offers the default
packet application used in actual networks for Release 0 and Release A as well as the
test application (FTAP/RTAP, FETAP/RETAP, FMCTAP, RMCTAP) used for parametric
tests for the 1xEV-DO Release 0, Release A, and Release B air interfaces.
The default packet application emulates the actual 1xEV-DO network by providing data
connectivity from the TCP/IP layer (via the rear panel LAN connector) to the access
terminal. Sustained data throughput rates can reach full data rates of 3.1 Mbps to an
AT and 1.8 Mbps from the AT for the E5515C/E mainframe. The E6706G supports simple
IP and basic mobile IP connections and, when combined with the Software Concepts
MOB-IP-SIM, provides full mobile IP support.
The 1xEV-DO test application protocols allow quick and efficient control of the forward
and reverse operation for accurate parametric testing. FTAP/FETAP/FMCTAP provides
packet error rate (PER) measurement capability for RF connections up to 3.1 Mbps.
RTAP/RETAP/RMCTAP provides the ability to control the AT’s reverse link to test such
parameters as code domain power and waveform quality at all of the available reverse
data rates.
eHRPD support
To prepare networks for interoperation with future LTE implementations, the 3GPP2
standard committee has developed a new version of the 1xEV-DO upper layer protocol
stack known as eHRPD. This modified stack provides the upper layer protocols
compatible with the 3GPP EPC. This capability will eventually drive handovers between
LTE and 1xEV-DO. The eHRPD implementation in the 8960 Series 10 builds upon the
existing 1xEV-DO packet data foundation of full throughput MFPA, EMPA, and RoHC
(robust header compression). Working together with the Keysight E7515A, E6706G on
E5515C/E supports non-optimized handover from LTE to eHRPD. The following features
are available on the E6706G lab application:
– Support for LTE neighbor list setup
– Support for HSGW context and other settings
– Prior session restore
– PDN naming settings for eHRPD
– Support for network-initiated VSNCP re-sync for IPv4 and IPv6
– Message to UE for eHRPD test cases
– Enable/Disable router advertisement message
03 | Keysight | E6706G 1xEV-DO Lab Application - Technical Overview


Similar Part No. - E6719J

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6715A KEYSIGHT-E6715A Datasheet
1Mb / 7P
   E6701K GSM/GPRS and E6704A EGPRS
E6716G KEYSIGHT-E6716G Datasheet
533Kb / 15P
   E6702G cdma2000/IS-95/AMPS
E6717H KEYSIGHT-E6717H Datasheet
1Mb / 7P
   Lab Applications
More results

Similar Description - E6719J

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6706G KEYSIGHT-E6706G Datasheet
466Kb / 16P
   E6706G 1xEV-DO Lab Application
E1966A KEYSIGHT-E1966A Datasheet
938Kb / 37P
   1xEV-DO Terminal Test Application
E1976A KEYSIGHT-E1976A Datasheet
938Kb / 37P
   E1966A 1xEV-DO Terminal Test Application
M9076A KEYSIGHT-M9076A Datasheet
2Mb / 10P
   M9076A 1xEV-DO
N7601B KEYSIGHT-N7601B Datasheet
1Mb / 10P
   Signal Studio for cdma2000짰/1xEV-DO
E6567E KEYSIGHT-E6567E Datasheet
444Kb / 4P
   cdma2000/1xEV-DO/LTE/LTE-A Wireless Test Manager
E6567F KEYSIGHT-E6567F Datasheet
444Kb / 4P
   cdma2000/1xEV-DO/LTE/LTE-A Wireless Test Manager
E6717H KEYSIGHT-E6717H Datasheet
1Mb / 7P
   Lab Applications
E6701K KEYSIGHT-E6701K Datasheet
3Mb / 6P
   E6704A EGPRS Lab Applications
logo
SparkFun Electronics
LAB-15230 SPARKFUN-LAB-15230 Datasheet
115Kb / 2P
   micro:bit Educator Lab Pack
4??7??9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com