Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF173075MF11 Datasheet(PDF) 6 Page - Shoulder Electronics Limited.

Part # HDF173075MF11
Description  Only leads of component may be solded, Please avoid soldering another part of component
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF173075MF11 Datasheet(HTML) 6 Page - Shoulder Electronics Limited.

  HDF173075MF11 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF173075MF11 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF173075MF11 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF173075MF11 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF173075MF11 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF173075MF11 Datasheet HTML 6Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SAW FILTER
HDF173.075M
F11
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 6 of 6
storage, if stored within the temperature range of -20 ℃ ~+60℃and in the humidity of
20 to 60 % r.h.
6.Remarks
6.1
Static voltage
Static voltage between signal load & ground may cause detarioration & destruction of the
component. Please avoid static voltage.
6.2
Ultrasonic cleaning
Ultrasonic vibration may cause detarioration & destuction of the component. Please avoid
ultrasonic cleaning .
6.3
Soldering
Only leads of component may be solded, Please avoid soldering another part of component.


Similar Part No. - HDF173075MF11

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF170A1F11 SHOULDER-HDF170A1F11 Datasheet
107Kb / 5P
   This specification shall cover the characteristics of SAW filter With F170A1 used for the page system.
HDF171S3 SHOULDER-HDF171S3 Datasheet
151Kb / 8P
   This specification shall cover the characteristics of SAW filter With F171 used for the page
More results

Similar Description - HDF173075MF11

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF911F11 SHOULDER-HDF911F11 Datasheet
113Kb / 5P
   Only leads of component may be soldered. Please avoid soldering another part of component
HDF433CS4 SHOULDER-HDF433CS4 Datasheet
162Kb / 8P
   Ultrasonic vibration may cause deterioration & destruction of the component
logo
PHOENIX CONTACT
102981 PHOENIX-102981 Datasheet
937Kb / 45P
   Installation component housing of the BCseries
2802316 PHOENIX-2802316 Datasheet
62Kb / 4P
   Component connector - ST-BE
09/12/2020
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-84AD AVAGO-AEAT-84AD Datasheet
393Kb / 10P
   Major component of Multi-turn housed encoder
logo
PHOENIX CONTACT
3035687 PHOENIX-3035687 Datasheet
294Kb / 25P
   Component terminal block - PTME 6-BE
09/11/2020
3035688 PHOENIX-3035688 Datasheet
519Kb / 21P
   Component terminal block - STME 6-BE
3074444 PHOENIX-3074444 Datasheet
507Kb / 21P
   Component terminal block - UTTB 4-BE
logo
List of Unclassifed Man...
16110 ETC2-16110 Datasheet
274Kb / 17P
   LCD Component
logo
PHOENIX CONTACT
3038752 PHOENIX-3038752 Datasheet
88Kb / 8P
   Component terminal block - ST 2,5-QUATTRO-BE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com