Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUD3124 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NUD3124
Description  Automotive Inductive Load Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUD3124 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NUD3124 Datasheet HTML 2Page - ON Semiconductor NUD3124 Datasheet HTML 3Page - ON Semiconductor NUD3124 Datasheet HTML 4Page - ON Semiconductor NUD3124 Datasheet HTML 5Page - ON Semiconductor NUD3124 Datasheet HTML 6Page - ON Semiconductor NUD3124 Datasheet HTML 7Page - ON Semiconductor NUD3124 Datasheet HTML 8Page - ON Semiconductor NUD3124 Datasheet HTML 9Page - ON Semiconductor NUD3124 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NUD3124
http://onsemi.com
8
PACKAGE DIMENSIONS
D
J
K
L
A
C
B S
H
G
V
3
1
2
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.1102 0.1197
2.80
3.04
INCHES
B 0.0472 0.0551
1.20
1.40
C 0.0350 0.0440
0.89
1.11
D 0.0150 0.0200
0.37
0.50
G 0.0701 0.0807
1.78
2.04
H 0.0005 0.0040
0.013
0.100
J 0.0034 0.0070
0.085
0.177
K 0.0140 0.0285
0.35
0.69
L 0.0350 0.0401
0.89
1.02
S 0.0830 0.1039
2.10
2.64
V 0.0177 0.0236
0.45
0.60
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD THICKNESS
IS THE MINIMUM THICKNESS OF BASE
MATERIAL.
4. 318−03 AND −07 OBSOLETE, NEW STANDARD
318−08.
STYLE 21:
PIN 1. GATE
2. SOURCE
3. DRAIN
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
SOT−23 (TO−236)
CASE 318−08
ISSUE AH
mm
inches
SCALE 10:1
0.8
0.031
0.9
0.035
0.95
0.037
0.95
0.037
2.0
0.079


Similar Part No. - NUD3124

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3124 ONSEMI-NUD3124 Datasheet
89Kb / 9P
   Automotive Inductive Load Driver
November, 2005 ??Rev. 10
NUD3124 ONSEMI-NUD3124 Datasheet
426Kb / 2P
   5 V Relay Driver Socket
Rev.0,Aug.2006
NUD3124 ONSEMI-NUD3124 Datasheet
150Kb / 10P
   Automotive Inductive Load Driver
February, 2012 ??Rev. 12
NUD3124 ONSEMI-NUD3124 Datasheet
165Kb / 10P
   Automotive Inductive Load Driver
October, 2016 ??Rev. 13
NUD3124D ONSEMI-NUD3124D Datasheet
426Kb / 2P
   5 V Relay Driver Socket
Rev.0,Aug.2006
More results

Similar Description - NUD3124

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3124 ONSEMI-NUD3124_05 Datasheet
89Kb / 9P
   Automotive Inductive Load Driver
November, 2005 ??Rev. 10
NUD3124 ONSEMI-NUD3124_16 Datasheet
165Kb / 10P
   Automotive Inductive Load Driver
October, 2016 ??Rev. 13
SZNUD3124DMT1G ONSEMI-SZNUD3124DMT1G Datasheet
150Kb / 10P
   Automotive Inductive Load Driver
February, 2012 ??Rev. 12
NUD3160 ONSEMI-NUD3160_V01 Datasheet
272Kb / 11P
   Industrial Inductive Load Driver
December, 2020 - Rev. 8
NUD3160 ONSEMI-NUD3160_16 Datasheet
157Kb / 10P
   Industrial Inductive Load Driver
October, 2016 ??Rev. 7
NUD3160 ONSEMI-NUD3160 Datasheet
85Kb / 9P
   Industrial Inductive Load Driver
November, 2005 ??Rev. 2
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3112 ONSEMI-NUD3112_05 Datasheet
75Kb / 7P
   Integrated Relay, Inductive Load Driver
November, 2005 ??Rev. 7
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105_15 Datasheet
375Kb / 10P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3105 ONSEMI-NUD3105_14 Datasheet
96Kb / 10P
   Integrated Relay, Inductive Load Driver
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com