Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUD3124 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NUD3124
Description  Automotive Inductive Load Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUD3124 Datasheet(HTML) 1 Page - ON Semiconductor

  NUD3124 Datasheet HTML 1Page - ON Semiconductor NUD3124 Datasheet HTML 2Page - ON Semiconductor NUD3124 Datasheet HTML 3Page - ON Semiconductor NUD3124 Datasheet HTML 4Page - ON Semiconductor NUD3124 Datasheet HTML 5Page - ON Semiconductor NUD3124 Datasheet HTML 6Page - ON Semiconductor NUD3124 Datasheet HTML 7Page - ON Semiconductor NUD3124 Datasheet HTML 8Page - ON Semiconductor NUD3124 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2004
June, 2004 − Rev. 8
1
Publication Order Number:
NUD3124/D
NUD3124
Automotive Inductive Load
Driver
This MicroIntegration
t part provides a single component solution
to switch inductive loads such as relays, solenoids, and small DC
motors without the need of a free−wheeling diode. It accepts logic
level inputs, thus allowing it to be driven by a large variety of devices
including logic gates, inverters, and microcontrollers.
Features
Provides Robust Interface between D.C. Relay Coils and Sensitive
Logic
Capable of Driving Relay Coils Rated up to 150 mA at 12 Volts
Replaces 3 or 4 Discrete Components for Lower Cost
Internal Zener Eliminates Need for Free−Wheeling Diode
Meets Load Dump and other Automotive Specs
Pb−Free Package is Available
Typical Applications
Automotive and Industrial Environment
Drives Window, Latch, Door, and Antenna Relays
Benefits
Reduced PCB Space
Standardized Driver for Wide Range of Relays
Simplifies Circuit Design and PCB Layout
Compliance with Automotive Specifications
Gate (1)
10 k
100 K
Drain (3)
Source (2)
INTERNAL CIRCUIT DIAGRAMS
Gate (2)
10 k
100 K
Drain (6)
Source (1)
Gate (5)
Drain (3)
Source (4)
10 k
100 K
CASE 318
CASE 318F
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NUD3124LT1
SOT−23
3000/Tape & Reel
MARKING DIAGRAMS
1
2
3
SOT−23
CASE 318
STYLE 21
JW6 D
JW6
= Specific Device Code
D
= Date Code
JW6 D
SC−74
CASE 318F
STYLE 7
1
6
JW6
= Specific Device Code
D
= Date Code
NUD3124LT1G
SOT−23
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NUD3124DMT1
SC−74
3000/Tape & Reel


Similar Part No. - NUD3124

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3124 ONSEMI-NUD3124 Datasheet
89Kb / 9P
   Automotive Inductive Load Driver
November, 2005 ??Rev. 10
NUD3124 ONSEMI-NUD3124 Datasheet
426Kb / 2P
   5 V Relay Driver Socket
Rev.0,Aug.2006
NUD3124 ONSEMI-NUD3124 Datasheet
150Kb / 10P
   Automotive Inductive Load Driver
February, 2012 ??Rev. 12
NUD3124 ONSEMI-NUD3124 Datasheet
165Kb / 10P
   Automotive Inductive Load Driver
October, 2016 ??Rev. 13
NUD3124D ONSEMI-NUD3124D Datasheet
426Kb / 2P
   5 V Relay Driver Socket
Rev.0,Aug.2006
More results

Similar Description - NUD3124

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3124 ONSEMI-NUD3124_05 Datasheet
89Kb / 9P
   Automotive Inductive Load Driver
November, 2005 ??Rev. 10
NUD3124 ONSEMI-NUD3124_16 Datasheet
165Kb / 10P
   Automotive Inductive Load Driver
October, 2016 ??Rev. 13
SZNUD3124DMT1G ONSEMI-SZNUD3124DMT1G Datasheet
150Kb / 10P
   Automotive Inductive Load Driver
February, 2012 ??Rev. 12
NUD3160 ONSEMI-NUD3160_V01 Datasheet
272Kb / 11P
   Industrial Inductive Load Driver
December, 2020 - Rev. 8
NUD3160 ONSEMI-NUD3160_16 Datasheet
157Kb / 10P
   Industrial Inductive Load Driver
October, 2016 ??Rev. 7
NUD3160 ONSEMI-NUD3160 Datasheet
85Kb / 9P
   Industrial Inductive Load Driver
November, 2005 ??Rev. 2
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3112 ONSEMI-NUD3112_05 Datasheet
75Kb / 7P
   Integrated Relay, Inductive Load Driver
November, 2005 ??Rev. 7
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105_15 Datasheet
375Kb / 10P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3105 ONSEMI-NUD3105_14 Datasheet
96Kb / 10P
   Integrated Relay, Inductive Load Driver
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com