Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVM3060 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # NVM3060
Description  4096-Bit EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NVM3060 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  NVM3060 Datasheet HTML 1Page - List of Unclassifed Manufacturers NVM3060 Datasheet HTML 2Page - List of Unclassifed Manufacturers NVM3060 Datasheet HTML 3Page - List of Unclassifed Manufacturers NVM3060 Datasheet HTML 4Page - List of Unclassifed Manufacturers NVM3060 Datasheet HTML 5Page - List of Unclassifed Manufacturers NVM3060 Datasheet HTML 6Page - List of Unclassifed Manufacturers NVM3060 Datasheet HTML 7Page - List of Unclassifed Manufacturers NVM3060 Datasheet HTML 8Page - List of Unclassifed Manufacturers NVM3060 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NVM 3060
3
4096-Bit EEPROM
1. Introduction
Electrically erasable programmable read-only memory
(EEPROM) in N-channel floating-gate technology with
a capacity of 512 words, 8 bits each.
The NVM 3060 is intended for use as a reprogrammable
non-volatile memory in conjunction with the CCU
2030/2050/2070/3000 series Central Control Units or
the SAA 12xx and TVPO 2066 Remote Control and Tun-
ing ICs. It serves for storing the tuning information as
well as several analog settings, further alignment infor-
mation given in the factory when producing the TV set.
The stored information remains stored even with the
supply voltages switched off. Reading and programming
operations are executed via the IM bus (see section 5.).
Input and output signals are TTL level. An address op-
tion input provides the possibility to operate two memo-
ries in parallel, to obtain a total storage capacity of 8192
bits.
The device contains an on-chip charge pump for high
programming voltage generation and an on-chip clock
oscillator.
Decoder and
Register for the
Memory Address
Sequence
Control
EEPROM
Matrix
512 x 8
Data
Output
Buffer
and
Input
Register
Charge
Pump
Clock
IM Bus
Interface
Clock
Ident
Data
Reset
S
NVM 3060
Option
3
5
6
7
4
18
2
+5 V
GND
VSUP
Fig. 1–1: Block diagram of the NVM 3060 EEPROM


Similar Part No. - NVM3060

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
NVM SEI-NVM Datasheet
250Kb / 4P
   Ceramic Housed Vertical Mount Resistor
11/30/2020
logo
Electronic devices inc.
NVM-3X EDI-NVM-3X Datasheet
65Kb / 1P
   NIGHT VISION MULTIPLIERS
NVM-4X EDI-NVM-4X Datasheet
73Kb / 1P
   NIGHT VISION MULTIPLIERS
NVM-6X EDI-NVM-6X Datasheet
78Kb / 1P
   NIGHT VISION MULTIPLIERS
logo
Stackpole Electronics, ...
NVM10 SEI-NVM10 Datasheet
250Kb / 4P
   Ceramic Housed Vertical Mount Resistor
11/30/2020
More results

Similar Description - NVM3060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93C66 FAIRCHILD-NM93C66 Datasheet
107Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66 FAIRCHILD-FM93C66 Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Maxim Integrated Produc...
DS28E04-100 MAXIM-DS28E04-100 Datasheet
853Kb / 37P
   4096-Bit Addressable 1-Wire EEPROM with PIO
Rev 12/11
logo
Dallas Semiconductor
DS28E04-100 DALLAS-DS28E04-100 Datasheet
347Kb / 36P
   4096-Bit Addressable 1-Wire EEPROM with PIO
logo
NEC
UPB424C NEC-UPB424C Datasheet
213Kb / 5P
   4096 BIT BIPOLAR TTL
logo
National Semiconductor ...
NM25C04L NSC-NM25C04L Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
logo
STMicroelectronics
ST16SF44 STMICROELECTRONICS-ST16SF44 Datasheet
28Kb / 2P
   Smartcard MCU With 4096 Bytes EEPROM
logo
NEC
UPB405C NEC-UPB405C Datasheet
251Kb / 5P
   4096 BIT BIPOLAR TTL
UPB406C NEC-UPB406C Datasheet
249Kb / 5P
   4096 BIT BIPOLAR TTL
logo
Fairchild Semiconductor
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com