Electronic Components Datasheet Search |
|
V28A12H200BL Datasheet(PDF) 11 Page - Vicor Corporation |
|
V28A12H200BL Datasheet(HTML) 11 Page - Vicor Corporation |
11 / 12 page 28 V Wide Maxi Family Rev 2.8 vicorpower.com Page 11 of 12 02/2016 800 927.9474 28 V Input ALL MARKINGS THIS SURFACE PINS STYLES SOLDER:TIN/LEAD PLATED MODUMATE: GOLD PLATED COPPER RoHS: GOLD PLATED COPPER ALUMINUM BASEPLATE 0.195 4,95 1.400* 35,56 1.000* 25,40 0.700* 17,78 0.400* 10,16 3.844** 97,64 4.200* 106,68 1.790** 45,47 0.06 1,5 R (4X) 0.178 4,52 5 6 7 8 9 12 34 ±0.003 ±0,08 * DENOTES TOL = PLATED THRU HOLE DIA PCB THICKNESS 0.062 ±0.010 1,57 ±0,25 SHORT PIN STYLE 0.094 ±0.003 2,39 ±0,08 0.194 ±0.003 4,93 ±0,08 LONG PIN STYLE 0.094 ±0.003 2,39 ±0,08 0.194 ±0.003 4,93 ±0,08 INBOARD SOLDER MOUNT 0.45 11,5 ONBOARD SOLDER MOUNT (7X) (2X) 0.53 13,5 **PCB WINDOW Converter Pins No. Function Label 1 +In + 2 Primary PC Control 3 Parallel PR 4 –In – 5 –Out – 6 –Sense –S 7 Secondary SC Control 8 +Sense +S 9 +Out + FOR SOLDERING METHODS AND PROCEDURES PLEASE REFER TO THE MAXI, MINI, MICRO DESIGN GUIDE. MECHANICAL DRAWINGS NOTES: 1. MATERIAL: BASE: 6000 SERIES ALUMINUM PINS: RoHS PINS GOLD PLATE 30 MICRO INCH MIN; NON-RoHS PINS: TIN/LEAD 90/10 BRIGHT 2. DIMENSIONS AND VALUES IN BRACKETS ARE METRIC 3. MANUFACTURING CONTROL IS IN PLACE TO ENSURE THAT THE SPACING BETWEEN THE MODULES LABEL SURFACE TO THE PRINTED CIRCUIT BOARD OF THE APPLICATION RANGES FROM DIRECT CONTACT (ZERO), TO THE MAXIMUM GAP AS CALCULATED FROM THE TOLERANCE STACK-UP AND IS NOT SUBJECT NEGATIVE TOLERANCE ACCUMULATION DIMENSION L PIN SHORT – .55±.015 [14.0±.38] PIN LONG–– .63±.015 [16.0±.38] PIN EXTRA LONG–––- .71±.015 [18.0±.38] Figure 12 — Module outline Figure 13 — PCB mounting specifications Unless otherwise specified, dimensions are in inches mm Decimals Tol. Angles 0.XX ±0.01 ±0,25 ±1° 0.XXX ±0.005 ±0,127 |
Similar Part No. - V28A12H200BL |
|
Similar Description - V28A12H200BL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |