Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEKK2520TR33M Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # MEKK2520TR33M
Description  Metal Wire-wound Chip Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

MEKK2520TR33M Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  MEKK2520TR33M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc MEKK2520TR33M Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
PrintPDF
Metal Wire-wound Chip Power Inductors (MCOIL™, ME series)
MEKK2520TR33M
Features
Item Summary
0.33uH±20%, 5.1A, 1008/2520 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 3000pcs
Products characteristics table
Inductance
0.33 uH ± 20 %
Case Size (EIA/JIS)
1008/2520
Rated Current (max)
5.1 A
Saturation Current (max)
6.4 A
Saturation Current (typ)
7.4 A
Temperature Rise Current (max)
5.1 A
Temperature Rise Current (typ)
5.6 A
DC Resistance (max)
22 mΩ
DC Resistance (typ)
18 mΩ
LQ Measuring Frequency
1 MHz
Operating Temp. Range
-40 to +125 ℃
(Including-self-generated heat)
Temperature characteristic
± 15 %
(Inductance change)
RoHS2 Compliance (10 subst.)
Yes
REACH Compliance (168 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
2.5 ±0.2 mm
Dimension W
2.0 ±0.2 mm
Dimension T
Max 1.0 mm
Dimension e
0.65 ±0.3 mm
Recommended Land Patterns
2016.11.18
1 / 1


Similar Part No. - MEKK2520TR33M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MEKK2520TR33M TAIYO-YUDEN-MEKK2520TR33M Datasheet
359Kb / 3P
   Wire-wound Metal Power Inductors MCOIL??LSEN series for General Electronic Equipment
2021/8/3
More results

Similar Description - MEKK2520TR33M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MBKK1608T2R2M TAIYO-YUDEN-MBKK1608T2R2M Datasheet
149Kb / 1P
   Metal Wire-wound Chip Power Inductors
MBKK1608T3R3M TAIYO-YUDEN-MBKK1608T3R3M Datasheet
149Kb / 1P
   Metal Wire-wound Chip Power Inductors
MBKK2012T1R5M TAIYO-YUDEN-MBKK2012T1R5M Datasheet
143Kb / 1P
   Metal Wire-wound Chip Power Inductors
MBKK2012T3R3M TAIYO-YUDEN-MBKK2012T3R3M Datasheet
149Kb / 1P
   Metal Wire-wound Chip Power Inductors
MBKK2012T2R2M TAIYO-YUDEN-MBKK2012T2R2M Datasheet
149Kb / 1P
   Metal Wire-wound Chip Power Inductors
MBKK1608TR24N TAIYO-YUDEN-MBKK1608TR24N Datasheet
149Kb / 1P
   Metal Wire-wound Chip Power Inductors
MBKK2012TR24N TAIYO-YUDEN-MBKK2012TR24N Datasheet
149Kb / 1P
   Metal Wire-wound Chip Power Inductors
MBKK2012TR68N TAIYO-YUDEN-MBKK2012TR68N Datasheet
149Kb / 1P
   Metal Wire-wound Chip Power Inductors
MBMK2520TR47N TAIYO-YUDEN-MBMK2520TR47N Datasheet
149Kb / 1P
   Metal Wire-wound Chip Power Inductors
MBMK2520TR68N TAIYO-YUDEN-MBMK2520TR68N Datasheet
149Kb / 1P
   Metal Wire-wound Chip Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com