Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDR433MS4 Datasheet(PDF) 6 Page - Shoulder Electronics Limited.

Part # HDR433MS4
Description  This specification shall cover the characteristics of 1-port SAW resonator with 433.92M used for remote-control security.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDR433MS4 Datasheet(HTML) 6 Page - Shoulder Electronics Limited.

  HDR433MS4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDR433MS4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDR433MS4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDR433MS4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDR433MS4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDR433MS4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDR433MS4 Datasheet HTML 7Page - Shoulder Electronics Limited. HDR433MS4 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SAW RESONATOR
HDR433M
SMD-4
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 6 of 8
3000 pcs/reel
13’’
7.3 Taping Structure
(1) The tape shall be wound around the reel in the direction shown below.
(2) Label
Device Name
User Product Name
Quantity
Lot No.
(3) Leader part and vacant position specifications.
8. TAPE SPECIFICATIONS
8.1 Tensile Strength of Carrier Tape: 4.4N/mm width
8.2 Top Cover Tape Adhesion (See the below figure)


Similar Part No. - HDR433MS4

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HDR433M LUGUANG-HDR433M Datasheet
110Kb / 4P
   This specification shall cover the characteristics of 1-port SAW resonator with 433.92M used for remote-control security.
More results

Similar Description - HDR433MS4

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
LGE433M LUGUANG-LGE433M Datasheet
108Kb / 4P
   This specification shall cover the characteristics of 1-port SAW resonator with 433.92M used for remote-control security.
HDR433M LUGUANG-HDR433M Datasheet
110Kb / 4P
   This specification shall cover the characteristics of 1-port SAW resonator with 433.92M used for remote-control security.
logo
Shoulder Electronics Li...
HDR300MF11D SHOULDER-HDR300MF11D Datasheet
104Kb / 5P
   This specification shall cover the characteristics of 1-port SAW resonator with used for remote-control security.
HDR447625MS20 SHOULDER-HDR447625MS20 Datasheet
112Kb / 6P
   This specification shall cover the characteristics of 1-port SAW resonator with used for remote-control security.
HDR418MS20 SHOULDER-HDR418MS20 Datasheet
115Kb / 6P
   This specification shall cover the characteristics of 1-port SAW resonator with used for remote-control security.
HDR260MS3 SHOULDER-HDR260MS3 Datasheet
163Kb / 7P
   This specification shall cover the characteristics of 1-port SAW resonator with 260M used for remote-control security.
HDR915MS6 SHOULDER-HDR915MS6 Datasheet
172Kb / 8P
   This specification shall cover the characteristics of 1-port SAW resonator with 915MHz used for remote-control security
HDR86835MS6 SHOULDER-HDR86835MS6 Datasheet
172Kb / 7P
   This specification shall cover the characteristics of 1-port SAW resonator with 868.35M used for remote-control security.
HDR292MF11 SHOULDER-HDR292MF11 Datasheet
106Kb / 5P
   This specification shall cover the characteristics of 1-port SAW resonator with 292M used for remote-control security.
HDR4073M2S6 SHOULDER-HDR4073M2S6 Datasheet
214Kb / 8P
   This specification shall cover the characteristics of 1-port SAW resonator with R407.3M2 used for remote-control security.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com