Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7731 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC7731
Description  16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7731 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button DAC7731 Datasheet HTML 7Page - Burr-Brown (TI) DAC7731 Datasheet HTML 8Page - Burr-Brown (TI) DAC7731 Datasheet HTML 9Page - Burr-Brown (TI) DAC7731 Datasheet HTML 10Page - Burr-Brown (TI) DAC7731 Datasheet HTML 11Page - Burr-Brown (TI) DAC7731 Datasheet HTML 12Page - Burr-Brown (TI) DAC7731 Datasheet HTML 13Page - Burr-Brown (TI) DAC7731 Datasheet HTML 14Page - Burr-Brown (TI) DAC7731 Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DAC7731
11
SBAS249
www.ti.com
V
CC
REF
OUT
REF
IN
REFADJ
V
REF
R
OFFSET
AGND
RFB2
RFB1
SJ
V
OUT
V
DD
V
SS
REFEN
RSTSEL
SCLK
CS
SDO
SDI
LDAC
RST
NC
TEST
DGND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
DAC7731
1
µF
0.1
µF
V
CC
1
µF
0.1
µF
V
DD
Control/Data
Bus
1
µF0.1µF
V
SS
(–10V to +10V)
FIGURE 4. Basic Operation: VOUT = –10V to +10V.
ANALOG OUTPUTS
The output amplifier can swing to within 1.4V of the supply
rails, specified over the –40
°C to +85°C temperature range.
This allows for a
±10V DAC voltage output operation from
±12V supplies with a typical 5% tolerance.
When the DAC7731 is configured for a unipolar, 0V to 10V
output, a negative voltage supply is required. This is due to
internal biasing of the output stage. Please refer to the
“Electrical Characteristics” table for more information.
The minimum and maximum voltage output values are de-
pendent upon the output configuration implemented and
reference voltage applied to the DAC7731. Please note that
VSS (the negative power supply) must be in the range of
–4.75V to –15.75V for unipolar operation. The voltage on VSS
sets several bias points within the converter and is required
in all modes of operation. If VSS is not in one of these two
configurations, the bias values may be in error and proper
operation of the device is not ensured.
REFERENCE INPUTS
The DAC7731 provides a built-in +10V voltage reference and
on-chip buffer to allow external component reference drive. To
use the internal reference, REFEN must be LOW, enabling the
reference circuitry of the DAC7731 (as shown in Table I) and
the REFOUT pin must be connected to REFIN. This is the input
to the on-chip reference buffer. The buffer’s output is provided
at the VREF pin. In this configuration, VREF is used to setup the
DAC7731 output amplifier into one of three voltage output
modes as discussed earlier. VREF can also be used to drive
other system components requiring an external reference.
The internal reference of the DAC7731 can be disabled when
use of an external reference is desired. When using an
external reference, the reference input, REFIN, can be any
voltage between 4.75V (or VSS + 14V, whichever is greater)
and VCC – 1.4V.
REFSEL
ACTION
1
Internal Reference disabled;
REFOUT = High Impedance
0
Internal Reference enabled;
REFOUT = +10V
TABLE I. REFEN Action.
DIGITAL INTERFACE
Table II shows the input data format for the DAC7731 and
Table III illustrates the basic control logic of the device. The
serial interface consists of a chip select input (CS), serial data
clock input (SCLK), serial data input (SDI), serial data output
(SDO), and load control input (LDAC). An asynchronous reset
input (RST), which is active LOW, is provided to simplify start-
up conditions, periodic resets, or emergency resets to a known
state, depending on the status of the reset select (RSTSEL)
signal. Please refer to the "DAC Reset" section for additional
information regarding the reset operation.
CONTROL STATUS
COMMAND
CS RST RSTSEL LDAC SCLK
ACTION
H
H
X
X
X
Shift Register is disabled on the serial bus.
Enable SDO pin from High Impedance;
L
H
X
X
X
enables shift operation and I/O bus
(SCLK, SDI, SDO).
LH
X
X
Serial Data Shifted into Input Register
H
X
X
L
Serial Data Shifted into Input Register(1)
XH
X
X
Data in Input Register is Loaded into DAC Register.
X
L
H
X
X
Resets Input and DAC Registers to mid-scale.
X
L
L
X
X
Resets Input and DAC Registers to min-scale.
NOTE: (1) In order to avoid unwanted shifting of the input register by an
additional bit, care must be taken that a rising edge on CS only occurs
when SCLK is HIGH.
TABLE III. DAC7731 Logic Truth Table.
ANALOG OUTPUT
TABLE II. DAC7731 Data Format.
DIGITAL INPUT
Unipolar Configuration
Bipolar Configuration
Unipolar Straight Binary
Bipolar Offset Binary
0x0000
Zero (0V)
–Full-Scale (–VREF or –VREF/2)
0x0001
Zero + 1LSB
–Full-Scale + 1LSB
::
:
0x8000
1/2 Full-Scale
Bipolar Zero
0x8001
1/2 Full-Scale + 1LSB
Bipolar Zero + 1LSB
::
:
0xFFFF
Full-Scale (VREF – 1LSB)
+Full-Scale (+VREF – 1LSB
or +VREF/2 – 1LSB)
The DAC code is provided via a 16-bit serial interface, as shown
in Table II. The digital input word makes up the digital code to
be loaded into the data input register of the device. A typical
data transfer and DAC output update takes place as follows:
Once CS is active (LOW), the DAC7731 is enabled on the serial
bus and the 16-bit serial data transfer can begin. The serial data
is shifted into the device on each rising SCLK edge until all 16
bits are transferred (1 bit per 1 rising SCLK edge). Once
received, the data in the input register is loaded into the DAC
register upon reception of a rising edge on the LDAC input (load
command). This action updates the analog output, VOUT, to the
desired voltage specified by the digital input word. A rising edge


Similar Part No. - DAC7731

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7731 TI1-DAC7731 Datasheet
723Kb / 22P
[Old version datasheet]   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7731E TI1-DAC7731E Datasheet
723Kb / 22P
[Old version datasheet]   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7731E/1K TI1-DAC7731E/1K Datasheet
723Kb / 22P
[Old version datasheet]   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7731E1K TI1-DAC7731E1K Datasheet
723Kb / 22P
[Old version datasheet]   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7731EB TI1-DAC7731EB Datasheet
723Kb / 22P
[Old version datasheet]   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7731

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7631 TI1-DAC7631_09 Datasheet
606Kb / 22P
[Old version datasheet]   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7731 TI1-DAC7731_14 Datasheet
723Kb / 22P
[Old version datasheet]   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
[Old version datasheet]   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM56P BURR-BROWN-PCM56P Datasheet
94Kb / 9P
   Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com