Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OZ6812 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # OZ6812
Description  ACPI CardBus Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OZ6812 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button OZ6812 Datasheet HTML 2Page - List of Unclassifed Manufacturers OZ6812 Datasheet HTML 3Page - List of Unclassifed Manufacturers OZ6812 Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ6812 Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ6812 Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ6812 Datasheet HTML 7Page - List of Unclassifed Manufacturers OZ6812 Datasheet HTML 8Page - List of Unclassifed Manufacturers OZ6812 Datasheet HTML 9Page - List of Unclassifed Manufacturers OZ6812 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
OZ6812
OZ6812-SF-1.5
Page 6
Pin Number
Pin Name
Description
LQFP
BGA
Input
Type
Power
Rail
Drive
VPPD0/
SLATCH
VPPD0: This power input is used with parallel
power control chip
SLATCH: This output controls a serial interface
power control chip.
71
M11
TTL
I/O
Aux_Vcc
12mA
VPPD1
VPPD1: This power input is used a parallel
power interface chip.
72
L11
-
TO
Aux_Vcc
12mA
VCCD0#/
SDATA
VCCD0#: Rail power inputs for use with a
parallel power control chip.
Serial Data: This pin serves as output DATA pin
when used with a serial interface of serial power
control chip.
73
N13
TTL
I/O
Aux_Vcc
12mA
VCCD1#/
SCLK
VCCD1#: Rail power inputs for use with a
parallel power control chip.
Serial Clock: The input is used as a reference
clock (10-100kHz, usually 32kHz) to control a
serial power control chips. By setting PCI
O2Micro Control 2 register (Offset:D4h) bit 13 to
1, SCLK is an output. Default is input mode.
74
M12
TTL
I/O
Aux_Vcc
12mA


Similar Part No. - OZ6812

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ6833 ETC-OZ6833 Datasheet
118Kb / 15P
   ACPI CardBus Controller
OZ6833B ETC-OZ6833B Datasheet
118Kb / 15P
   ACPI CardBus Controller
OZ6833T ETC-OZ6833T Datasheet
118Kb / 15P
   ACPI CardBus Controller
More results

Similar Description - OZ6812

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ6933 ETC-OZ6933 Datasheet
126Kb / 15P
   ACPI CardBus Controller
OZ6833 ETC-OZ6833 Datasheet
118Kb / 15P
   ACPI CardBus Controller
OZ6912 ETC-OZ6912 Datasheet
140Kb / 14P
   Single-Slot ACPI CardBus Controller
logo
Texas Instruments
PCI1512 TI-PCI1512 Datasheet
31Kb / 3P
[Old version datasheet]   CardBus Controller
PCI1512 TI1-PCI1512_09 Datasheet
129Kb / 5P
[Old version datasheet]   CardBus Controller
logo
Fairchild Semiconductor
RC5060 FAIRCHILD-RC5060 Datasheet
136Kb / 15P
   ACPI Switch Controller
logo
Winbond
W83301DR-O WINBOND-W83301DR-O Datasheet
221Kb / 13P
   ACPI-STR Controller
W83301R WINBOND-W83301R Datasheet
212Kb / 16P
   ACPI-STR Controller
W83303AD WINBOND-W83303AD Datasheet
464Kb / 19P
   Advanced ACPI Controller
logo
Fairchild Semiconductor
FAN5067 FAIRCHILD-FAN5067 Datasheet
101Kb / 14P
   ACPI Dual Switch Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com