Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OZ6812 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # OZ6812
Description  ACPI CardBus Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OZ6812 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button OZ6812 Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ6812 Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ6812 Datasheet HTML 7Page - List of Unclassifed Manufacturers OZ6812 Datasheet HTML 8Page - List of Unclassifed Manufacturers OZ6812 Datasheet HTML 9Page - List of Unclassifed Manufacturers OZ6812 Datasheet HTML 10Page - List of Unclassifed Manufacturers OZ6812 Datasheet HTML 11Page - List of Unclassifed Manufacturers OZ6812 Datasheet HTML 12Page - List of Unclassifed Manufacturers OZ6812 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
OZ6812
OZ6812-SF-1.5
Page 9
Pin Number
Pin Name
Description
LQFP
BGA
Input
Type
Power
Rail
Drive
IORD#/
CAD13
I/O Read: This output goes active (low) for I/O
reads from the OZ6812 to the socket.
CardBus Address/Data: In CardBus mode, this
pin is the CAD bit 13.
93
G10
TTL
I/O
Socket
_Vcc
CardBus
spec.
IOW#/
CAD15
I/O Write: This output goes active (low) for I/O
writes from the OZ6812 to the socket.
CardBus Address/Data: In CardBus mode, this
pin is the CAD bit 15.
96
F11
TTL
I/O
Socket
_Vcc
CardBus
spec.
WP/
IOIS16#/
CCLKRUN#
Write Protect / I/O is 16-Bit: In Memory mode,
this input is indicates the status of the write
protect switch on the PC Card. In I/O mode, this
input indicates the size of current data transfer on
the PC Card.
CardBus Clock Run: In CardBus mode, this pin
is the CCLKRUN# signal, which starts and stops
the CardBus CCLK. To enable the CLKRUN#
signal, ExCA register 3Bh bit[3:2] must be
enabled.
136
A4
TTL
I/O-PU
Socket
_Vcc
CardBus
spec.
INPACK#/
CREQ#
Input Acknowledge: The INPACK# function is
not applicable in PCI bus environments. This pin
is provided for Legacy card compatibility.
CardBus Request: In CardBus mode, this pin is
the CREQ# signal.
123
C8
-
I-PU
Socket
_Vcc
CardBus
spec.
RDY/IREQ#/
CINT#
Ready / Interrupt Request: In Memory mode,
this input indicates that the card is ready or busy.
In I/O mode, this input indicates a card interrupt
request.
CardBus Interrupt: In CardBus mode, this pin is
the CINT# signal. This signal is active-low and
level-sensitive.
132
C6
-
I-PU
Socket
_Vcc
CardBus
spec.
WAIT#/
CSERR#
Wait: This pin is driven by the PC Card to delay
completion of the current cycle.
CardBus System Error: In CardBus mode, this
pin is the CSERR# signal.
133
A5
TTL
I-PU
Socket
_Vcc
CardBus
spec.
CD[2:1]/
CCD[2:1]#
Card Detect: These inputs indicate a card is
present in the socket. They are internally pulled
high to AUX_VCC.
CardBus Card Detect: In CardBus mode, these
inputs are used with CVS[2:1] to detect presence
and type of card.
137, 75
C5, K10
TTL
I-PU-
Schmitt
Aux_Vcc
CardBus
spec.
CE2#/
CAD10
Card Enable 2: This pin is driven low to control
byte/word card access. CE2# enables odd-
numbered address bytes.
CardBus Address/Data: In CardBus mode, this
pin is the CAD bit 10.
91
G13
TTL
I/O
Socket
_Vcc
CardBus
spec.
CE1#/
CCBE0#
Card Enable 1: This pin is driven low to control
byte/word card access. CE1# enables even-
numbered address bytes. When configured for 8-
bit cards, CE1# is active and A0 is used to
indicate access of odd- or even-numbered bytes.
CardBus Command/Byte Enable:
In CardBus
mode, this pin is the CCBEO# signal.
88
H13
TTL
I/O
Socket
_Vcc
CardBus
spec.


Similar Part No. - OZ6812

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ6833 ETC-OZ6833 Datasheet
118Kb / 15P
   ACPI CardBus Controller
OZ6833B ETC-OZ6833B Datasheet
118Kb / 15P
   ACPI CardBus Controller
OZ6833T ETC-OZ6833T Datasheet
118Kb / 15P
   ACPI CardBus Controller
More results

Similar Description - OZ6812

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ6933 ETC-OZ6933 Datasheet
126Kb / 15P
   ACPI CardBus Controller
OZ6833 ETC-OZ6833 Datasheet
118Kb / 15P
   ACPI CardBus Controller
OZ6912 ETC-OZ6912 Datasheet
140Kb / 14P
   Single-Slot ACPI CardBus Controller
logo
Texas Instruments
PCI1512 TI-PCI1512 Datasheet
31Kb / 3P
[Old version datasheet]   CardBus Controller
PCI1512 TI1-PCI1512_09 Datasheet
129Kb / 5P
[Old version datasheet]   CardBus Controller
logo
Fairchild Semiconductor
RC5060 FAIRCHILD-RC5060 Datasheet
136Kb / 15P
   ACPI Switch Controller
logo
Winbond
W83301DR-O WINBOND-W83301DR-O Datasheet
221Kb / 13P
   ACPI-STR Controller
W83301R WINBOND-W83301R Datasheet
212Kb / 16P
   ACPI-STR Controller
W83303AD WINBOND-W83303AD Datasheet
464Kb / 19P
   Advanced ACPI Controller
logo
Fairchild Semiconductor
FAN5067 FAIRCHILD-FAN5067 Datasheet
101Kb / 14P
   ACPI Dual Switch Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com