Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V28A15M200BN Datasheet(PDF) 6 Page - Vicor Corporation

Part # V28A15M200BN
Description  DC-DC Converter Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V28A15M200BN Datasheet(HTML) 6 Page - Vicor Corporation

Back Button V28A15M200BN Datasheet HTML 2Page - Vicor Corporation V28A15M200BN Datasheet HTML 3Page - Vicor Corporation V28A15M200BN Datasheet HTML 4Page - Vicor Corporation V28A15M200BN Datasheet HTML 5Page - Vicor Corporation V28A15M200BN Datasheet HTML 6Page - Vicor Corporation V28A15M200BN Datasheet HTML 7Page - Vicor Corporation V28A15M200BN Datasheet HTML 8Page - Vicor Corporation V28A15M200BN Datasheet HTML 9Page - Vicor Corporation V28A15M200BN Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
28 V Wide Maxi Family
Rev 2.8
vicorpower.com
Page 6 of 12
02/2016
800 927.9474
28 V Input
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
83.5
85.0
%
Nominal input; full load; 25°C
Ripple and noise
200
250
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP set point
31.5
32.7
33.9
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, stand-by
15.5
18.0
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load Current
0
7.14
Amps
Current limit
7.28
8.2
10.0
Amps
Output voltage 95% of nominal
Short circuit current
4.99
8.2
10.0
Amps
Output voltage <250 mV
28 Vout, 200 W (e.g. V28A28C200BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
80.9
82.6
%
Nominal input; full load; 25°C
Ripple and noise
225
282
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP set point
40.4
41.9
43.4
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, stand-by
14.4
16.8
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load Current
0
5.56
Amps
Current limit
5.67
7.7
8.06
Amps
Output voltage 95% of nominal
Short circuit current
3.89
6.9
7.5
Amps
Output voltage <250 mV
36 Vout, 200 W (e.g. V28A36C200BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
81.8
82.6
%
Nominal input; full load; 25°C
Ripple and noise
360
450
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP set point
53.7
55.7
57.7
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, stand-by
15.6
18.3
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load Current
0
4.17
Amps
Current limit
4.25
4.4
5.84
Amps
Output voltage 95% of nominal
Short circuit current
2.92
4.8
5.43
Amps
Output voltage <250 mV
48 Vout, 200 W (e.g. V28A48C200BL)
MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.)


Similar Part No. - V28A15M200BN

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V28A15M200BN2 VICOR-V28A15M200BN2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V28A15M200BN3 VICOR-V28A15M200BN3 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
More results

Similar Description - V28A15M200BN

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com