Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20KP20A Datasheet(PDF) 2 Page - MDE Semiconductor, Inc.

Part # 20KP20A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

20KP20A Datasheet(HTML) 2 Page - MDE Semiconductor, Inc.

  20KP20A_13 Datasheet HTML 1Page - MDE Semiconductor, Inc. 20KP20A_13 Datasheet HTML 2Page - MDE Semiconductor, Inc. 20KP20A_13 Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
12/9/2013
20KP Series Rating and Characteristics
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
0
12.5
25
37.5
50
62.5
75
87.5
100
0
25
50
75
100
125
150
175
200
Fig.2 - Pulse Derating Curve
T
A - Ambient Temperature (°C)
10000
0.1
10
1
100
1000
1,000
10,000
td PULSE WIDTH 1 µsec
FIG. 1 PEAK PULSE POWER RATING
1
10
100
Non-repetitive pulse
waveform shown in
Fig. 3TA = 25ºC
100,000
3.0
4.0
150
0
1.0
2.0
tr = 10μsec.
Peak Value
I
PPM
TJ = 25°C
Pulse Width(td)is defined
as the point where the
peak current decays to
50% of I
PPM
10/1000μsec.Waveform
as defined by R.E.A.
td
Fig.3 - Pulse Waveform
4.0
50
Half Value- I
PPM
2
100
3.0
0


Similar Part No. - 20KP20A_13

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
20KP20A MDE-20KP20A Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
20KP20A NJSEMI-20KP20A Datasheet
136Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
20KP20A LEIDITECH-20KP20A Datasheet
865Kb / 5P
   20KW Transient Voltage Suppressor
logo
FutureWafer Tech Co.,Lt...
20KP20A FUTUREWAFER-20KP20A Datasheet
879Kb / 9P
   20000W Transient Voltage Suppression Diodes
20-JUL-2021 V 2.0
logo
UN Semiconducctor INC
20KP20A UNSEMI-20KP20A Datasheet
3Mb / 6P
   20000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results

Similar Description - 20KP20A_13

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com