Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V28A24T200BF Datasheet(PDF) 1 Page - Vicor Corporation

Part # V28A24T200BF
Description  DC-DC Converter Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V28A24T200BF Datasheet(HTML) 1 Page - Vicor Corporation

  V28A24T200BF Datasheet HTML 1Page - Vicor Corporation V28A24T200BF Datasheet HTML 2Page - Vicor Corporation V28A24T200BF Datasheet HTML 3Page - Vicor Corporation V28A24T200BF Datasheet HTML 4Page - Vicor Corporation V28A24T200BF Datasheet HTML 5Page - Vicor Corporation V28A24T200BF Datasheet HTML 6Page - Vicor Corporation V28A24T200BF Datasheet HTML 7Page - Vicor Corporation V28A24T200BF Datasheet HTML 8Page - Vicor Corporation V28A24T200BF Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DC-DC Converter Module
28 V Wide Maxi Family
Rev 2.8
vicorpower.com
Page 1 of 12
02/2016
800 927.9474
28 V Wide Input
S
NRTL
CUS
C
US
®
Maxi Family
Features
DC input range: 9 – 36 V*
Isolated output
Input surge withstand: 50 V for 100 ms
DC output: 3.3 – 48 V
Programmable output: 10 to 110%
Regulation: ±0.2% no load to full load
Efficiency: Up to 85%
Maximum operating temp: 100°C
Power density: up to 40 W per cubic inch
Height above board: 0.43 in. (10,9 mm)
Parallelable, with N+M fault tolerance
Low noise ZCS/ZVS architecture
RoHS Compliant (with F or G pin option)
Product Overview
These DC-DC converter modules use
advanced power processing, control and
packaging technologies to provide the
performance, flexibility, reliability and cost effec-
tiveness of a mature power component.
High frequency ZCS/ZVS switching provides
high power density with low noise and high
efficiency.
Applications
Industrial and process control, distributed power,
medical, ATE, communications, defense,
aerospace.
*10-36 V DC input range for 3.3, 6.5, 8, 36
and 48 V outputs. All others derate power
to 75% for Vin 9 – 10 V.
For details on proper operation please refer to the
Design Guide & Applications Manual for
Maxi, Mini, Micro Family.
Parameter
Rating
Unit
Notes
+In to –In voltage
-0.5 to +53
Vdc
PC to –In voltage
-0.5 to +7.0
Vdc
PR to –In voltage
-0.5 to +7.0
Vdc
SC to -Out voltage
-0.5 to +1.5
Vdc
-Sense to -Out voltage
1.0
Vdc
+Out to -Out, +Sense to -Out
See Module Output
Specifications
Isolation voltage
in to out
3000
Vrms
Test voltage
in to base
1500
Vrms
Test voltage
out to base
500
Vrms
Test voltage
Operating Temperature
-55 to +100
°C
M-Grade
Storage Temperature
-65 to +125
°C
M-Grade
Pin soldering temperature
500 (260)
°F (°C)
<5 sec; wave solder
750 (390)
°F (°C)
<7 sec; hand solder
Mounting torque
5 (0.57)
in-lbs (N-m)
6 each
Output Voltage
3 V 3
= 3.3 V
5
= 5 V
6.5
= 6.5 V
8
= 8 V
12
= 12 V
15
= 15 V
24
= 24 V
28
= 28 V
36
= 36 V
48
= 48 V
Absolute Maximum Ratings
Part Numbering
e.g. V28A12T200BL2
28A
B
Actual size:
4.6 x 2.2 x 0.5 in
117 x 56 x 12,7 mm
Product Grade Temperatures (°C)
Grade
Operating
Storage
C
=
- 20 to +100
- 40 to +125
T
=
- 40 to +100
- 40 to +125
H
=
- 40 to +100
- 55 to +125
M
=
- 55 to +100
- 65 to +125
Pin Style
Finish
Blank:
Short
Tin/Lead
L:
Long
Tin/Lead
S:
Short ModuMate
Gold
N:
Long ModuMate
Gold
F:
Short RoHS
Gold
G:
Long RoHS
Gold
K:
Extra Long RoHS
Gold
Baseplate
Blank:
Slotted
2:
Threaded
3:
Through-hole
Product Type
V
= Standard
S
= Enhanced
efficiency
(avail. ≤12
Vout only)
Output Power
Vout
Pout
3.3 V
150 W
5 V
175
W
12 V
200
W
15 V
200
W
24 V
200
W
28 V
200
W
36 V
200
W
48 V
200
W


Similar Part No. - V28A24T200BF

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V28A24T200BF2 VICOR-V28A24T200BF2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V28A24T200BF3 VICOR-V28A24T200BF3 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
More results

Similar Description - V28A24T200BF

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com