Electronic Components Datasheet Search |
|
V24A5C400BL2 Datasheet(PDF) 7 Page - Vicor Corporation |
|
V24A5C400BL2 Datasheet(HTML) 7 Page - Vicor Corporation |
7 / 15 page 24V Maxi Family Rev 6.6 vicorpower.com Page 7 of 15 01/2016 800 927.9474 24V Input Parameter Min Typ Max Unit Notes Efficiency 86.0 87.8 % Nominal input; full load; 25°C Ripple and noise 172 215 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 31.5 32.7 33.9 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 6.3 9.5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 14.29 Amps Current limit 14.5 16.4 19.4 Amps Output voltage 95% of nominal Short circuit current 10 16.4 19.4 Amps Output voltage <250mV 28VOUT, 400W (e.g. V24A28C400BL) MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.) Parameter Min Typ Max Unit Notes Efficiency 86.8 88.2 % Nominal input; full load; 25°C Ripple and noise 85 107 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 27.1 28.1 29.1 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 7.8 10 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 12.5 Amps Current limit 12.7 14.4 16.9 Amps Output voltage 95% of nominal Short circuit current 8.75 14.4 16.9 Amps Output voltage <250mV 24VOUT, 300W (e.g. V24A24C300BL) Parameter Min Typ Max Unit Notes Efficiency 88.0 89.1 % Nominal input; full load; 25°C Ripple and noise 80 100 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 27.1 28.1 29.1 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 11 12 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 16.67 Amps Current limit 17 19.2 23.4 Amps Output voltage 95% of nominal Short circuit current 2.25 19.2 23.4 Amps Output voltage <250mV 24VOUT, 400W (e.g. V24A24C400BL) Parameter Min Typ Max Unit Notes Efficiency 86.0 88.0 % Nominal input; full load; 25°C Ripple and noise 172 215 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 31.5 32.7 33.9 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 13.5 14.8 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 17.9 Amps Current limit 18.3 20.6 24.2 Amps Output voltage 95% of nominal Short circuit current 12.5 20.6 24.2 Amps Output voltage <250mV 28VOUT, 500W (e.g. V24A28C500BL) |
Similar Part No. - V24A5C400BL2 |
|
Similar Description - V24A5C400BL2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |