Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30KW42A Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # 30KW42A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

30KW42A Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  30KW42A Datasheet HTML 1Page - MDE Semiconductor, Inc. 30KW42A Datasheet HTML 2Page - MDE Semiconductor, Inc. 30KW42A Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
12/9/2013
30000 Watt TVS
UNI-POLAR
BI-POLAR
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
TEST
CURRENT
(IT)
mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP Vc (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM IR
(µA)
30KW28A
30KW28CA
28.00
31.3
50
50.0
606.0
5000
30KW30A
30KW30CA
30.00
33.5
50
55.2
548.9
5000
30KW33A
30KW33CA
33.00
36.9
50
58.5
517.2
5000
30KW36A
30KW36CA
36.00
40.2
50
61.8
490.3
5000
30KW39A
30KW39CA
39.00
43.6
20
67.2
450.9
2000
30KW42A
30KW42CA
42.00
46.9
10
72.0
420.8
1000
30KW43A
30KW43CA
43.00
48.0
10
73.0
415.1
1000
30KW45A
30KW45CA
45.00
50.3
5
77.4
391.5
250
30KW48A
30KW48CA
48.00
53.6
5
81.6
371.3
150
30KW51A
30KW51CA
51.00
57.0
5
86.4
350.7
50
30KW54A
30KW54CA
54.00
60.3
5
91.4
331.5
20
30KW58A
30KW58CA
58.00
64.8
5
92.4
327.9
20
30KW60A
30KW60CA
60.00
67.0
5
102.0
297.1
15
30KW64A
30KW64CA
64.00
71.5
5
104.0
291.3
10
30KW66A
30KW66CA
66.00
73.7
5
107.0
283.2
10
30KW70A
30KW70CA
70.00
78.2
5
109.0
278.0
10
30KW71A
30KW71CA
71.00
79.3
5
111.5
271.7
10
30KW72A
30KW72CA
72.00
80.4
5
114.0
265.8
10
30KW75A
30KW75CA
75.00
83.8
5
119.4
253.8
10
30KW78A
30KW78CA
78.00
87.1
5
129.0
234.0
10
30KW84A
30KW84CA
84.00
93.8
5
139.2
217.7
10
30KW90A
30KW90CA
90.00
100.5
5
146.4
207.0
10
30KW96A
30KW96CA
96.00
107.2
5
156.0
194.2
10
30KW102A
30KW102CA
102.00
113.9
5
165.6
183.0
10
30KW108A
30KW108CA
108.00
120.6
5
175.2
172.9
10
30KW120A
30KW120CA
120.00
134.0
5
194.4
155.9
10
30KW132A
30KW132CA
132.00
147.4
5
213.0
142.3
10
30KW144A
30KW144CA
144.00
160.8
5
223.2
135.8
10
30KW150A
30KW150CA
150.00
167.6
5
233.4
129.8
10
30KW156A
30KW156CA
156.00
174.3
5
245.0
123.7
10
30KW160A
30KW160CA
160.00
178.7
5
252.6
120.0
10
30KW168A
30KW168CA
168.00
187.7
5
272.4
111.2
10
30KW170A
30KW170CA
170.00
189.9
5
275.0
110.2
10
30KW180A
30KW180CA
180.00
201.1
5
290.4
104.3
10
30KW198A
30KW198CA
198.00
221.2
5
319.8
94.7
10
30KW216A
30KW216CA
216.00
241.3
5
348.6
86.9
10
30KW240A
30KW240CA
240.00
268.1
5
387.0
78.3
10
30KW258A
30KW258CA
258.00
288.2
5
416.4
72.8
10
30KW260A
30KW260CA
260.00
290.4
5
416.0
72.8
10
30KW270A
30KW270CA
270.00
301.6
5
436.2
69.5
10
30KW280A
30KW280CA
280.00
312.8
5
464.0
65.3
10
30KW288A
30KW288CA
288.00
321.7
5
469.9
64.5
10
30KW300A
30KW300CA
300.00
333.0
5
483.0
62.0
10
30KW350A
30KW350CA
350.00
389.0
5
564.0
53.0
10
30KW400A
30KW400CA
400.00
444.0
5
644.0
46.0
10
For bidirectional type having Vrwm of 40 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
Certified RoHS Compliant
UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com


Similar Part No. - 30KW42A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
30KW42A MDE-30KW42A Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 30KW42A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shunye Enterprise
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com