Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7731EC Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC7731EC
Description  16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7731EC Datasheet(HTML) 5 Page - Burr-Brown (TI)

  DAC7731EC Datasheet HTML 1Page - Burr-Brown (TI) DAC7731EC Datasheet HTML 2Page - Burr-Brown (TI) DAC7731EC Datasheet HTML 3Page - Burr-Brown (TI) DAC7731EC Datasheet HTML 4Page - Burr-Brown (TI) DAC7731EC Datasheet HTML 5Page - Burr-Brown (TI) DAC7731EC Datasheet HTML 6Page - Burr-Brown (TI) DAC7731EC Datasheet HTML 7Page - Burr-Brown (TI) DAC7731EC Datasheet HTML 8Page - Burr-Brown (TI) DAC7731EC Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DAC7731
5
SBAS249
www.ti.com
TYPICAL CHARACTERISTICS
TA = +25°C (unless otherwise noted).
6
4
2
0
–2
–4
–6
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR vs DIGITAL INPUT CODE
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
Bipolar Configuration: V
OUT = –10V to +10V
T
A = 85°C, Internal Reference Enabled
6
4
2
0
–2
–4
–6
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR vs DIGITAL INPUT CODE
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
Bipolar Configuration: V
OUT = –10V to +10V
T
A = 25°C, Internal Reference Enabled
6
4
2
0
–2
–4
–6
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR vs DIGITAL INPUT CODE
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
Bipolar Configuration: V
OUT = –10V to +10V
T
A = –40°C, Internal Reference Enabled
Ext. Ref, Unipolar Mode: V
OUT = 0 to +10V
Int. Ref, Unipolar Mode: V
OUT = 0 to +10V
Ext. Ref, Bipolar Mode: V
OUT = –10 to +10V
Int. Ref, Bipolar Mode: V
OUT = –10 to +10V
0.000
–0.010
–0.020
–0.030
–0.040
–0.050
–0.060
–0.070
–0.080
–0.090
–0.100
–40
–15
10
35
60
85
Temperature (
°C)
GAIN ERROR vs TEMPERATURE
Load = 200pF, 2k
4.4
4.3
4.2
4.1
4.0
3.9
3.8
3.7
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
V
CC SUPPLY CURRENT vs DIGITAL INPUT CODE
Bipolar Configuration: V
OUT = –10V to +10V
Internal Reference Enabled, T
A = 25°C
1.00
0.75
0.50
0.25
0.00
–0.25
–0.50
–0.75
–1.00
OFFSET ERROR vs TEMPERATURE
–40
–15
10
35
60
85
Temperature (
°C)
V
OUT = 0 to +10V
V
OUT = –10 to +10V


Similar Part No. - DAC7731EC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7731EC TI1-DAC7731EC Datasheet
723Kb / 22P
[Old version datasheet]   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7731EC/1K TI1-DAC7731EC/1K Datasheet
723Kb / 22P
[Old version datasheet]   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7731EC1K TI1-DAC7731EC1K Datasheet
723Kb / 22P
[Old version datasheet]   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7731ECG4 TI1-DAC7731ECG4 Datasheet
723Kb / 22P
[Old version datasheet]   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7731EC

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7631 TI1-DAC7631_09 Datasheet
606Kb / 22P
[Old version datasheet]   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7731 TI1-DAC7731_14 Datasheet
723Kb / 22P
[Old version datasheet]   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
[Old version datasheet]   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM56P BURR-BROWN-PCM56P Datasheet
94Kb / 9P
   Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com