Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDE-25D911K Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # MDE-25D911K
Description  Metal Oxide Varistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

MDE-25D911K Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  MDE-25D911K Datasheet HTML 1Page - MDE Semiconductor, Inc. MDE-25D911K Datasheet HTML 2Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Energy D Series 25mm Disc
Varistor
Voltage
Max.
Energy
(J)
Max. Peak
Current
(8/20 µ S)
Typical
Capacitance
(Reference)
V@1mA
(v)
ACrms
(v)
DC
(v)
Vc
(v)
Ip
(A)
10/1000
µS
1 time
(A)
1kHz
(pF)
T max
(mm)
L ±0.10
(mm)
MDE-25D201K
200 (185-225)
130
175
340
150
190
20000
3600
6.80
4.90
MDE-25D221K
220 (198-242)
140
180
360
150
200
20000
3300
6.80
4.90
MDE-25D241K
240 (216-264)
150
200
395
150
220
20000
3000
7.00
5.10
MDE-25D271K
270 (243-297)
175
225
455
150
255
20000
2600
7.10
5.20
MDE-25D301K
300 (270-330)
195
250
500
150
275
20000
2400
7.30
5.40
MDE-25D331K
330 (297-363)
210
275
550
150
300
20000
2200
7.50
5.60
MDE-25D361K
360 (324-396)
230
300
595
150
330
20000
2100
7.70
5.80
MDE-25D391K
390 (351-429)
250
330
650
150
360
20000
1900
7.90
6.00
MDE-25D431K
430 (387-473)
275
370
710
150
380
20000
1700
8.10
6.20
MDE-25D471K
470 (423-517)
300
385
775
150
440
20000
1600
8.40
6.50
MDE-25D511K
510 (459-561)
320
420
845
150
440
20000
1500
8.70
6.80
MDE-25D561K
560 (504-616)
360
470
825
150
440
20000
1300
9.00
7.10
MDE-25D621K
620 (558-682)
390
505
1025
150
440
20000
1200
9.40
7.50
MDE-25D681K
680 (612-748)
420
560
1120
150
460
20000
1100
9.80
7.90
MDE-25D751K
750 (675-825)
460
615
1240
150
510
20000
1000
10.00
8.00
MDE-25D781K
780 (702-858)
485
640
1290
150
530
20000
990
10.20
8.30
MDE-25D821K
820 (738-902)
510
675
1355
150
570
20000
920
10.70
8.80
MDE-25D911K
910 (819-1001)
550
745
1500
150
620
20000
860
10.90
9.00
MDE-25D951K
950 (855-1045)
575
765
1570
150
635
20000
800
11.20
9.30
MDE-25D102K
1000 (900-1100)
625
825
1650
150
685
20000
760
11.70
9.80
MDE-25D112K
1100 (990-1210)
680
895
1815
150
770
20000
650
12.80
10.90
MDE-25D122K
1200 (1080-1320)
750
980
1980
150
700
20000
550
13.80
11.90
MDE-25D162K
1600 (1414-1728)
1000
1200
2700
150
720
20000
500
14.00
12.50
MDE-25D182K
1800 (1620-1980)
1100
1400
3030
150
940
20000
450
14.90
13.00
PART
NUMBER
Dimensions
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
Metal Oxide Varistors
Maximum
Allowable
Voltage
Max
Clamping
Voltage
(8/20 µ S)
6/23/2016


Similar Part No. - MDE-25D911K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-25D911K MDE-MDE-25D911K Datasheet
94Kb / 1P
   Metal Oxide Varistors
More results

Similar Description - MDE-25D911K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com