Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B80K1400 Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # B80K1400
Description  Metal Oxide Varistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

B80K1400 Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  B80K1400 Datasheet HTML 1Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Metal Oxide Varistors
80 Series High Energy Block Varistor
Varistor Voltage
Max.
Energy
(J)
Typical
Capacitance
(Reference)
V@1mA
(v)
ACrms
(v)
DC
(v)
Vc
(v)
Ip
(A)
10/1000
µS
1 time
(A)
2Times
(A)
1kHz
(pF)
B80K130
200 (185-225)
130
170
340
800
660
100000
80000
28000
B80K150
240 (216-264)
150
200
395
800
800
100000
80000
23000
B80K175
270 (243-297)
175
225
455
800
900
100000
80000
20000
B80K210
330 (297-363)
210
275
550
800
1000
100000
80000
18000
B80K230
360 (324-396)
230
300
595
800
1200
100000
80000
16000
B80K250
390 (351-429)
250
320
650
800
1300
100000
80000
14000
B80K275
430 (387-473)
275
350
710
800
1400
100000
80000
13000
B80K300
470 (423-517)
300
385
775
800
1500
100000
80000
12000
B80K320
510 (459-561)
320
415
845
800
1600
100000
80000
11000
B80K385
620 (558-682)
385
505
1025
800
2000
100000
80000
9000
B80K420
680 (612-748)
420
560
1120
800
2200
100000
80000
8500
B80K460
750 (675-825)
460
615
1240
800
2500
100000
80000
7700
B80K485
780 (702-858)
485
640
1290
800
2600
100000
80000
7200
B80K510
820 (738-902)
510
670
1355
800
2800
100000
80000
6900
B80K550
910 (819-1001)
550
745
1500
800
3100
100000
80000
6500
B80K575
950 (855-1045)
575
765
1570
800
3300
100000
80000
6200
B80K625
1000 (900-1100)
625
825
1650
800
3400
100000
80000
5800
B80K680
1100 (990-1210)
680
895
1815
800
3600
100000
80000
5200
B80K750
1200 (1062-1300)
750
970
2100
800
4000
100000
80000
4800
B80K880
1400 (1245-1520)
880
1150
2290
800
5000
100000
80000
4000
B80K1000
1600 (1414-1728)
1000
1200
2700
800
6000
100000
80000
3200
B80K1100
1800 (1620-2060)
1100
1400
3030
800
7000
100000
80000
2900
B80K1400
2200 (2020-2200)
1400
1750
3580
800
8500
100000
80000
2400
B80K1700
2700 (2500-3030)
1700
2150
4400
800
9800
100000
80000
2000
B80K2000
3300 (2790-3300)
2000
2500
5375
800
1050
100000
80000
1600
B80K2400
3900 (3510-4290)
2400
3000
6360
800
1200
100000
80000
1200
B80K2800
4700 (4250-5170)
2800
3500
7665
800
1300
100000
80000
1000
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92260 Tel: 760-564-8656 • Fax: 760-564-2414
MDE Semiconductor, Inc.
Max. Peak
Current
(8/20 µ
S)
Maximum
Allowable
Voltage
Max Clamping
Voltage
(8/20 µ S)
PART
NUMBER
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com


Similar Part No. - B80K1400

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
B80K1400 MDE-B80K1400 Datasheet
40Kb / 1P
   Metal Oxide Varistors
More results

Similar Description - B80K1400

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com