Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30KPA160A Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # 30KPA160A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

30KPA160A Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  30KPA160A Datasheet HTML 1Page - MDE Semiconductor, Inc. 30KPA160A Datasheet HTML 2Page - MDE Semiconductor, Inc. 30KPA160A Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
12/9/2013
30000 Watt TVS
UNI-POLAR
BI-POLAR
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
TEST
CURRENT
(IT)
mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP Vc (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM IR
(µA)
30KPA28A
30KPA28CA
28.00
31.3
50
50.0
606.0
5000
30KPA30A
30KPA30CA
30.00
33.5
50
55.2
548.9
5000
30KPA33A
30KPA33CA
33.00
36.9
50
58.5
517.2
5000
30KPA36A
30KPA36CA
36.00
40.2
50
61.8
490.3
5000
30KPA39A
30KPA39CA
39.00
43.6
20
67.2
450.9
2000
30KPA42A
30KPA42CA
42.00
46.9
10
72.0
420.8
1000
30KPA43A
30KPA43CA
43.00
48.0
10
73.0
415.1
1000
30KPA45A
30KPA45CA
45.00
50.3
5
77.4
391.5
250
30KPA48A
30KPA48CA
48.00
53.6
5
81.6
371.3
150
30KPA51A
30KPA51CA
51.00
57.0
5
86.4
350.7
50
30KPA54A
30KPA54CA
54.00
60.3
5
91.4
331.5
20
30KPA58A
30KPA58CA
58.00
64.8
5
92.4
327.9
20
30KPA60A
30KPA60CA
60.00
67.0
5
102.0
297.1
15
30KPA64A
30KPA64CA
64.00
71.5
5
104.0
291.3
10
30KPA66A
30KPA66CA
66.00
73.7
5
107.0
283.2
10
30KPA70A
30KPA70CA
70.00
78.2
5
109.0
278.0
10
30KPA71A
30KPA71CA
71.00
79.3
5
111.5
271.7
10
30KPA72A
30KPA72CA
72.00
80.4
5
114.0
265.8
10
30KPA75A
30KPA75CA
75.00
83.8
5
119.4
253.8
10
30KPA78A
30KPA78CA
78.00
87.1
5
129.0
234.0
10
30KPA84A
30KPA84CA
84.00
93.8
5
139.2
217.7
10
30KPA90A
30KPA90CA
90.00
100.5
5
146.4
207.0
10
30KPA96A
30KPA96CA
96.00
107.2
5
156.0
194.2
10
30KPA102A 30KPA102CA
102.00
113.9
5
165.6
183.0
10
30KPA108A 30KPA108CA
108.00
120.6
5
175.2
172.9
10
30KPA120A 30KPA120CA
120.00
134.0
5
194.4
155.9
10
30KPA132A 30KPA132CA
132.00
147.4
5
213.0
142.3
10
30KPA144A 30KPA144CA
144.00
160.8
5
223.2
135.8
10
30KPA150A 30KPA150CA
150.00
167.6
5
233.4
129.8
10
30KPA156A 30KPA156CA
156.00
174.3
5
245.0
123.7
10
30KPA160A 30KPA160CA
160.00
178.7
5
252.6
120.0
10
30KPA168A 30KPA168CA
168.00
187.7
5
272.4
111.2
10
30KPA170A 30KPA170CA
170.00
189.9
5
275.0
110.2
10
30KPA180A 30KPA180CA
180.00
201.1
5
290.4
104.3
10
30KPA198A 30KPA198CA
198.00
221.2
5
319.8
94.7
10
30KPA216A 30KPA216CA
216.00
241.3
5
348.6
86.9
10
30KPA240A 30KPA240CA
240.00
268.1
5
387.0
78.3
10
30KPA258A 30KPA258CA
258.00
288.2
5
416.4
72.8
10
30KPA260A 30KPA260CA
260.00
290.4
5
416.0
72.8
10
30KPA270A 30KPA270CA
270.00
301.6
5
436.2
69.5
10
30KPA280A 30KPA280CA
280.00
312.8
5
464.0
65.3
10
30KPA288A 30KPA288CA
288.00
321.7
5
469.9
64.5
10
30KPA300A 30KPA300CA
300.00
333.0
5
483.0
62.0
10
30KPA350A 30KPA350CA
350.00
389.0
5
564.0
53.0
10
30KPA400A 30KPA400CA
400.00
444.0
5
644.0
46.0
10
For bidirectional type having Vrwm of 40 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
Certified RoHS Compliant
UL File # E223026
MDE Semiconductor, Inc.
1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com


Similar Part No. - 30KPA160A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
30KPA160A PROTEC-30KPA160A Datasheet
81Kb / 4P
   POWER TVS COMPONENT
logo
New Jersey Semi-Conduct...
30KPA160A NJSEMI-30KPA160A Datasheet
157Kb / 3P
   STAND-OFF VOLTAGE-30 TO 288 Volts 30000 Watt Peak Pulse Power
logo
HuaXinAn Electronics CO...
30KPA160A HUAXINAN-30KPA160A Datasheet
424Kb / 5P
   30000W Transient Voltage Suppressors
logo
Protek Devices
30KPA160A PROTEC-30KPA160A Datasheet
60Kb / 4P
   POWER TVS COMPONENT
logo
Ruilongyuan Electronics...
30KPA160A RUILON-30KPA160A Datasheet
904Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - 30KPA160A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com