Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KPA64CA Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # 15KPA64CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

15KPA64CA Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  15KPA64CA Datasheet HTML 1Page - MDE Semiconductor, Inc. 15KPA64CA Datasheet HTML 2Page - MDE Semiconductor, Inc. 15KPA64CA Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
12/9/2013
15000 Watt TVS
UNI-POLAR
BI-POLAR
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
TEST
CURRENT
(IT)
mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP Vc (V)
PEAK
PULSE
CURRENT IPP
(A)
REVERSE
LEAKAGE
@ VRWM IR
(µA)
15KPA17A
15KPA17CA
17
18.99
50
29.3
515.4
5000
15KPA18A
15KPA18CA
18
20.11
50
30.9
488.7
5000
15KPA20A
15KPA20CA
20
22.34
20
34.3
440.2
1500
15KPA22A
15KPA22CA
22
24.57
10
37.1
407.0
500
15KPA24A
15KPA24CA
24
26.81
5
40.7
371.0
150
15KPA26A
15KPA26CA
26
29.04
5
44.0
343.2
50
15KPA28A
15KPA28CA
28
31.28
5
47.5
317.9
25
15KPA30A
15KPA30CA
30
33.51
5
50.7
297.8
15
15KPA33A
15KPA33CA
33
36.90
5
54.7
276.1
5
15KPA36A
15KPA36CA
36
40.20
5
59.8
252.5
5
15KPA40A
15KPA40CA
40
44.70
5
65.8
229.5
5
15KPA43A
15KPA43CA
43
48.00
5
69.8
216.3
5
15KPA45A
15KPA45CA
45
50.30
5
72.8
207.4
5
15KPA48A
15KPA48CA
48
53.60
5
77.7
194.3
5
15KPA51A
15KPA51CA
51
57.00
5
82.8
182.1
5
15KPA54A
15KPA54CA
54
60.30
5
87.7
172.2
5
15KPA58A
15KPA58CA
58
64.80
5
93.8
161.0
5
15KPA60A
15KPA60CA
60
67.00
5
97.4
155.0
5
15KPA64A
15KPA64CA
64
71.50
5
104.2
144.9
5
15KPA70A
15KPA70CA
70
78.20
5
113.6
132.9
5
15KPA75A
15KPA75CA
75
83.80
5
122.0
123.8
5
15KPA78A
15KPA78CA
78
87.10
5
126.1
119.7
5
15KPA85A
15KPA85CA
85
94.90
5
137.6
109.7
5
15KPA90A
15KPA90CA
90
100.50
5
145.6
103.7
5
15KPA100A 15KPA100CA
100
111.70
5
161.3
93.6
5
15KPA110A 15KPA110CA
110
122.90
5
178.6
84.5
5
15KPA120A 15KPA120CA
120
134.00
5
192.3
78.5
5
15KPA130A 15KPA130CA
130
145.20
5
208.3
72.5
5
15KPA150A 15KPA150CA
150
167.60
5
241.9
62.4
5
15KPA160A 15KPA160CA
160
178.70
5
258.6
58.4
5
15KPA170A 15KPA170CA
170
189.90
5
272.7
55.4
5
15KPA180A 15KPA180CA
180
201.10
5
288.5
52.3
5
15KPA200A 15KPA200CA
200
223.40
5
319.1
47.3
5
15KPA220A 15KPA220CA
220
245.70
5
356.0
42.0
5
15KPA240A 15KPA240CA
240
268.10
5
384.6
39.3
5
15KPA260A 15KPA260CA
260
290.40
5
416.7
36.2
5
15KPA280A 15KPA280CA
280
312.80
5
454.5
33.2
5
BLANK INDICATES UNIPOLAR DEVICE ±10% ON VBR
A INDICATES UNIPOLARDEVICE ±5% ON VBR
C INDICATES BIPOLAR DEVICE ±10% ON VBR
CA INDICATES BIPOLAR DEVICE ±5% ON VBR
UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com


Similar Part No. - 15KPA64CA

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
15KPA64CA WEITRON-15KPA64CA Datasheet
231Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
15KPA64CA SOCAY-15KPA64CA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
November 8, 2019
logo
MDE Semiconductor, Inc.
15KPA64CA MDE-15KPA64CA Datasheet
29Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
15KPA64CA LITTELFUSE-15KPA64CA Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
15KPA64CA LUGUANG-15KPA64CA Datasheet
114Kb / 2P
   Glass Passivated Junction TVS
More results

Similar Description - 15KPA64CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com