Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2419 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2419
Description  Triple 65 MHz CRT Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2419 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2419 Datasheet HTML 1Page - National Semiconductor (TI) LM2419 Datasheet HTML 2Page - National Semiconductor (TI) LM2419 Datasheet HTML 3Page - National Semiconductor (TI) LM2419 Datasheet HTML 4Page - National Semiconductor (TI) LM2419 Datasheet HTML 5Page - National Semiconductor (TI) LM2419 Datasheet HTML 6Page - National Semiconductor (TI) LM2419 Datasheet HTML 7Page - National Semiconductor (TI) LM2419 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (Va)
a
85V
Storage Temperature (TSTG)
b
25 Cto a100 C
Operating Case Temperature TCase
b
20 Cto a90 C
Lead Temperature (soldering k10 sec)
300 C
ESD Tolerance
2 kV
Electrical Characteristics
Unless otherwise specified the following specifications apply for Va e 80V DC input bias VIN DC e 39V 50 VPP output
swing frequency e 1 MHz VBias e 12V CL e 12 pF TA e 25 C see test circuit Figure 1
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 3)
(Note 2)
(Note 3)
(Limit)
ICC
Supply Current (per Amplifier)
InputOutput Open Circuit
27
40
mA
IB
Bias Current (Pins 2 or 7 or 9)
11
mA
VOUT
Output Offset Voltage
40
50
60
V
tr
Rise Time
10% to 90%
5
ns
tf
Fall Time
90% to 10%
5
ns
AV
Voltage Gain
b
13
b
15
b
18
VV
OS
Overshoot
VIN tr tf k 2ns
8
%
LE
Linearlty Error
VOUT e 25V to 75V
8
%
D
AV match
Gain Matching
03
dB
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur The guaranteed specifications apply only for the test conditions
listed Some performance characteristics may degrade when the device is not operated under the listed test conditions
Note 2
Typical specifications are at 25 C and represent the most likely parametric norm
Note 3
MinMax limits are guaranteed to National’s AOQL (Average Outgoing Quality Level)
Typical Performance
Characteristics
TA e 25 C Test Circuit Figure 1
TLH11442 – 3
12 pF is the total load capacitance and includes the test fixture capaci-
tance
FIGURE 1 Test Circuit (One Section)
Frequency Response
TLH11442 – 4
2


Similar Part No. - LM2419

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM241 SEOUL-LM241 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM241 SEOUL-LM241 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM241 SEOUL-LM241 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM241 SEOUL-LM241 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM241 SEOUL-LM241 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LM2419

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2418 NSC-LM2418 Datasheet
119Kb / 6P
   Triple 30 MHz CRT Driver
LM2416 NSC-LM2416 Datasheet
214Kb / 4P
   Triple 50 MHz CRT Driver
LM2427 NSC-LM2427 Datasheet
117Kb / 6P
   Triple 80 MHz CRT Driver
LH2426 NSC-LH2426 Datasheet
100Kb / 4P
   Triple 80 MHz CRT Driver
logo
Calogic, LLC
CVA1405T CALOGIC-CVA1405T Datasheet
66Kb / 4P
   Triple CRT Driver
CVA2407T CALOGIC-CVA2407T Datasheet
35Kb / 3P
   Triple CRT Driver
CVA2408T CALOGIC-CVA2408T Datasheet
38Kb / 3P
   Triple CRT Driver
CVA1404T CALOGIC-CVA1404T Datasheet
68Kb / 4P
   Triple CRT Driver
CVA2404T CALOGIC-CVA2404T Datasheet
48Kb / 3P
   Triple CRT Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
[Old version datasheet]   Monolithic Triple Channel 30 MHz CRT DTV Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com