Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3905U-020 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS3905U-020
Description  Triple 128-Position Nonvolatile Digital Variable Resistor/Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3905U-020 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS3905U-020 Datasheet HTML 3Page - Dallas Semiconductor DS3905U-020 Datasheet HTML 4Page - Dallas Semiconductor DS3905U-020 Datasheet HTML 5Page - Dallas Semiconductor DS3905U-020 Datasheet HTML 6Page - Dallas Semiconductor DS3905U-020 Datasheet HTML 7Page - Dallas Semiconductor DS3905U-020 Datasheet HTML 8Page - Dallas Semiconductor DS3905U-020 Datasheet HTML 9Page - Dallas Semiconductor DS3905U-020 Datasheet HTML 10Page - Dallas Semiconductor DS3905U-020 Datasheet HTML 11Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Triple 128-Position Nonvolatile Digital
Variable Resistor/Switch
_____________________________________________________________________
9
The following bus protocol has been defined:
Data transfer can be initiated only when the bus is
not busy.
During data transfer, the data line must remain sta-
ble whenever the clock line is high. Changes in the
data line while the clock line is high are interpreted
as control signals.
Accordingly, the following bus conditions have been
defined:
Bus Not Busy: Both data and clock lines remain
high.
Start Data Transfer: A change in the state of the
data line from high to low while the clock is high
defines a start condition.
Stop Data Transfer: A change in the state of the
data line from low to high while the clock line is
high defines the stop condition.
Data Valid: The state of the data line represents
valid data when, after a start condition, the data line
is stable for the duration of the high period of the
clock signal. The data on the line can be changed
during the low period of the clock signal. There is
STOP
CONDITION
OR REPEATED
START
CONDITION
REPEATED IF MORE BYTES
ARE TRANSFERRED
ACK
START
CONDITION
ACK
ACKNOWLEDGEMENT
SIGNAL FROM RECEIVER
ACKNOWLEDGEMENT
SIGNAL FROM RECEIVER
SLAVE ADDRESS
MSB
SCL
SDA
R/W
DIRECTION
BIT
12
6
7
8
9
12
8
9
3–7
Figure 2. 2-Wire Data Transfer Protocol
SDA
SCL
tHD:STA
tLOW
tHIGH
tR
tF
tHD:DAT
tSU:DAT
REPEATED
START
tSU:STA
tHD:STA
tSU:STO
tSP
STOP
START
tBUF
Figure 3. 2-Wire AC Characteristics


Similar Part No. - DS3905U-020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3905U-020 MAXIM-DS3905U-020 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
More results

Similar Description - DS3905U-020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3904 MAXIM-DS3904 Datasheet
392Kb / 11P
   Triple 128-Position Nonvolatile Digital
Rev 3; 3/07
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5246BKSZ100-RL7 AD-AD5246BKSZ100-RL7 Datasheet
370Kb / 16P
   128-Position I2C-Compatible Digital Resistor
REV. C
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5246 AD-AD5246 Datasheet
991Kb / 20P
   128-Position I2C Compatible Digital Resistor
REV. 0
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com