Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3532F Datasheet(PDF) 5 Page - Rohm

Part # BD3532F
Description  Termination Regulator for DDR-SDRAMs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3532F Datasheet(HTML) 5 Page - Rohm

  BD3532F_15 Datasheet HTML 1Page - Rohm BD3532F_15 Datasheet HTML 2Page - Rohm BD3532F_15 Datasheet HTML 3Page - Rohm BD3532F_15 Datasheet HTML 4Page - Rohm BD3532F_15 Datasheet HTML 5Page - Rohm BD3532F_15 Datasheet HTML 6Page - Rohm BD3532F_15 Datasheet HTML 7Page - Rohm BD3532F_15 Datasheet HTML 8Page - Rohm BD3532F_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
BD3532F
5/15
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0J2J0A900960-1-2
02.Nov.2015 Rev.001
Typical Waveforms
VVTT(10mV/Div)
IVTT(1A/Div)
10μsec/Div
Figure 1. DDR I
(-1A → +1A)
VVTT(10mV/Div)
IVTT(1A/Div)
10μsec/Div
Figure 2. DDRI
(+1A → -1A)
VVTT(10mV/Div)
IVTT(1A/Div)
10μsec/Div
Figure 3. DDR II
(-1A → +1A)
VVTT(10mV/Div)
IVTT(1A/Div)
10μsec/Div
Figure 4. DDR II
(+1A → -1A)


Similar Part No. - BD3532F_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3532F ROHM-BD3532F Datasheet
231Kb / 6P
   Regulator IC for Memory Termination
BD3532F ROHM-BD3532F Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
More results

Similar Description - BD3532F_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com