Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3538F Datasheet(PDF) 4 Page - Rohm

Part # BD3538F
Description  Termination Regulators for DDR-SDRAMs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3538F Datasheet(HTML) 4 Page - Rohm

  BD3538F Datasheet HTML 1Page - Rohm BD3538F Datasheet HTML 2Page - Rohm BD3538F Datasheet HTML 3Page - Rohm BD3538F Datasheet HTML 4Page - Rohm BD3538F Datasheet HTML 5Page - Rohm BD3538F Datasheet HTML 6Page - Rohm BD3538F Datasheet HTML 7Page - Rohm BD3538F Datasheet HTML 8Page - Rohm BD3538F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4/16
TSZ02201-0J2J0A900980-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
02.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
BD3538F
BD3538HFN
Electrical Characteristics
(Unless otherwise noted, Ta=25°C VCC=3.3V VEN=3V VVDDQ=1.8V VVTT_IN=1.8V)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Standby Current
IST
-
0.5
1.0
mA
VEN=0V
Bias Current
ICC
-
2
4
mA
VEN=3V
[Enable]
High Level Enable Input Voltage
VENHIGH
2.3
-
5.5
V
Low Level Enable Input Voltage
VENLOW
-0.3
-
+0.8
V
Enable Pin Input Current
IEN
-
7
10
µA
VEN=3V
[Termination]
Termination Output Voltage 1
VVTT1
VVREF-30m
VVREF
VVREF+30
m
V
IVTT=-1.0A to +1.0A
Ta=0°C to 105°C (Note 9)
Termination Output Voltage 2
VVTT2
VVREF-30m
VVREF
VVREF+30
m
V
VCC=5V, VVDDQ=2.5V
VVTT_IN=2.5V
IVTT=-1.0A to +1.0A
Ta=0°C to 105°C (Note 9)
Source Current
IVTT+
1.0
-
-
A
Sink Current
IVTT-
-
-
-1.0
A
Load Regulation
∆VVTT
-
-
50
mV
IVTT=-1.0A to +1.0A
Line Regulation
Reg.l
-
20
40
mV
Upper Side ON-Resistance 1
RHRON1
-
0.45
0.9
Ω
Lower Side ON-Resistance 1
RLRON1
-
0.45
0.9
Ω
Upper Side ON-Resistance 2
RHRON2
-
0.4
0.8
Ω
VCC=5V, VVDDQ=2.5V
VVTT_IN=2.5V
Lower Side ON-Resistance 2
RLRON2
-
0.4
0.8
Ω
VCC=5V, VVDDQ=2.5V
VVTT_IN=2.5V
[Reference Voltage Input]
Input Impedance
ZVDDQ
70
100
130
Output Voltage 1
VVREF1
1/2 x VVDDQ
-18m
1/2 x
VVDDQ
1/2 x
VVDDQ
+18m
V
IREF=-5mA to +5mA
Ta=0°C to 105°C (Note 9)
Output Voltage 2
VVREF2
1/2 x VVDDQ
-40m
1/2 x
VVDDQ
1/2 x
VVDDQ
+40m
V
IREF=-10mA to +10mA
Ta=0°C to 105°C (Note 9)
Output Voltage 3
VVREF3
1/2 x VVDDQ
-25m
1/2 x
VVDDQ
1/2 x
VVDDQ
+25m
V
VCC=5V, VVDDQ=2.5V
VVTT_IN=2.5V
IVREF=-5mA to +5mA
Ta=0°C to 105°C (Note 9)
Output Voltage 4
VVREF4
1/2 x VVDDQ
-40m
1/2 x
VVDDQ
1/2 x
VVDDQ
+40m
V
VCC=5V, VVDDQ=2.5V
VVTT_IN=2.5V
IVTT=-10mA to +10mA
Ta=0°C to 105°C (Note 9)
[UVLO]
Threshold Voltage
VUVLO
2.40
2.55
2.70
V
VCC : sweep up
Hysteresis Voltage
∆VUVLO
100
160
220
mV
VCC : sweep down
(Note 9) No tested on outgoing inspection


Similar Part No. - BD3538F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3538F ROHM-BD3538F Datasheet
373Kb / 6P
   Silicon Monolithic Integrated Circuit
BD3538F ROHM-BD3538F Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
BD3538F ROHM-BD3538F Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538FVM ROHM-BD3538FVM Datasheet
126Kb / 5P
   Regulator IC for Memory Termination
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
More results

Similar Description - BD3538F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com