Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD37201NUX Datasheet(PDF) 7 Page - Rohm

Part # BD37201NUX
Description  Ultra Low Noise Low Dropout Regulator for Audio System
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD37201NUX Datasheet(HTML) 7 Page - Rohm

Back Button BD37201NUX Datasheet HTML 3Page - Rohm BD37201NUX Datasheet HTML 4Page - Rohm BD37201NUX Datasheet HTML 5Page - Rohm BD37201NUX Datasheet HTML 6Page - Rohm BD37201NUX Datasheet HTML 7Page - Rohm BD37201NUX Datasheet HTML 8Page - Rohm BD37201NUX Datasheet HTML 9Page - Rohm BD37201NUX Datasheet HTML 10Page - Rohm BD37201NUX Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7/18
TSZ02201-0V3V0A600100-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
18.Apr.2016 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BD37201NUX
Figure 9. Load Regulation
Figure 10. VIN vs VOUT
Figure 11. ICC vs VIN
Figure 12. Stand by Current vs VIN
0.980
0.985
0.990
0.995
1.000
1.005
1.010
1.015
1.020
0
100
200
300
400
500
Output Current:IOUT [mA]
0
1
2
3
4
0
1
2
3
4
5
6
7
Input Voltage:VIN [V]
VOUT=3.3V
IOUT=0.5A
0.0
0.5
1.0
1.5
2.0
0
1
2
3
4
5
6
7
Input Voltage:VIN [V]
IOUT=0.0A
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
1
2
3
4
5
6
7
Input Voltage:VIN [V]
IOUT=0.0A


Similar Part No. - BD37201NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3702FV ROHM-BD3702FV Datasheet
177Kb / 5P
   SEMICONDUCTOR IC
REV. B
BD37033FV-M ROHM-BD37033FV-M Datasheet
1Mb / 41P
   Sound Processors for Car Audio
BD37033FVME2 ROHM-BD37033FVME2 Datasheet
1Mb / 41P
   Sound Processors for Car Audio
BD37034FV-M ROHM-BD37034FV-M Datasheet
1Mb / 47P
   General-Purpose Electronic Volume with Built-in Advanced Switch
BD37034FVME2 ROHM-BD37034FVME2 Datasheet
1Mb / 47P
   General-Purpose Electronic Volume with Built-in Advanced Switch
More results

Similar Description - BD37201NUX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8752 ONSEMI-NCV8752_16 Datasheet
1Mb / 21P
   Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
logo
Semtech Corporation
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
Unisonic Technologies
LR1120 UTC-LR1120_15 Datasheet
155Kb / 4P
   LOW DROPOUT, LOW NOISE ULTRA-FAST WITH REGULATOR
logo
New Japan Radio
NJM2898 NJRC-NJM2898 Datasheet
175Kb / 10P
   2ch ULTRA LOW NOISE LOW DROPOUT VOLTAGE REGULATOR
logo
Semtech Corporation
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com