Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B33FCFFJ-E2 Datasheet(PDF) 4 Page - Rohm

Part # B33FCFFJ-E2
Description  35V Withstand Voltage 1A LDO Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

B33FCFFJ-E2 Datasheet(HTML) 4 Page - Rohm

  B33FCFFJ-E2 Datasheet HTML 1Page - Rohm B33FCFFJ-E2 Datasheet HTML 2Page - Rohm B33FCFFJ-E2 Datasheet HTML 3Page - Rohm B33FCFFJ-E2 Datasheet HTML 4Page - Rohm B33FCFFJ-E2 Datasheet HTML 5Page - Rohm B33FCFFJ-E2 Datasheet HTML 6Page - Rohm B33FCFFJ-E2 Datasheet HTML 7Page - Rohm B33FCFFJ-E2 Datasheet HTML 8Page - Rohm B33FCFFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Datasheet
Datasheet
4/38
BDxxFC0 Series
TSZ02201-0G2G0A600040-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
16.May.2016 Rev.004
www.rohm.com
TSZ22111・15・001
With Shutdown SW (TO252-5)〉
Figure 6. Pin Configuration (With Shutdown SW)
Pin No.
Pin Name
Pin Function
1
EN
Enable Pin
2
Vcc
Power Supply Pin
3
N.C. (Note 1)
No Connection (leave OPEN)
4
Vo
Output Pin
5
FB
N.C. (Note 1)
Variable Pin (Variable Output Type)
N.C. Pin (Fixed Output Type)
FIN
GND
GND
(Note 1) N.C.Pin can be open since it is not connected inside of IC.
TO252-5
(TOP VIEW)
TO252-5
(TOP VIEW)
12
3 4
5


Similar Part No. - B33FCFFJ-E2

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B33 DBLECTRO-B33 Datasheet
245Kb / 1P
   FEMALE HEADER PROFILE : 6.4mm SMT TYPE
logo
PowerDynamics, Inc
B33 POWERDYNAMICS-B33 Datasheet
42Kb / 1P
   1 CELL PP3 (6R61) 9V BATTERY HOLDER, PCB/BASEBOARD MOUNT, SOLDER TERMINALS
logo
Micrel Semiconductor
B33 MICREL-B33 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
logo
Shenzhen Luguang Electr...
B330 LUGUANG-B330 Datasheet
186Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
logo
Orister Corporation
B330 ORISTER-B330 Datasheet
486Kb / 11P
   2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
More results

Similar Description - B33FCFFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDXXFD0 ROHM-BDXXFD0 Datasheet
1Mb / 31P
   35V Voltage Resistance 2A LDO Regulators
09.Sep.2019 Rev.003
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Sirectifier Global Corp...
MT1118 SIRECT-MT1118 Datasheet
162Kb / 5P
   1A LDO LINEAR VOLTAGE / REGULATORS
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Rohm
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
logo
Shenzhen Huazhimei Semi...
HM6117 HMSEMI-HM6117 Datasheet
913Kb / 7P
   1A Voltage High Speed LDO Regulators HM6117 Series
HM6118 HMSEMI-HM6118 Datasheet
720Kb / 16P
   1A Adjustable Voltage High Speed LDO Regulators HM6118 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com