Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD42500G-CTR Datasheet(PDF) 9 Page - Rohm

Part # BD42500G-CTR
Description  50 mA Output Voltage Tracker
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD42500G-CTR Datasheet(HTML) 9 Page - Rohm

Back Button BD42500G-CTR Datasheet HTML 5Page - Rohm BD42500G-CTR Datasheet HTML 6Page - Rohm BD42500G-CTR Datasheet HTML 7Page - Rohm BD42500G-CTR Datasheet HTML 8Page - Rohm BD42500G-CTR Datasheet HTML 9Page - Rohm BD42500G-CTR Datasheet HTML 10Page - Rohm BD42500G-CTR Datasheet HTML 11Page - Rohm BD42500G-CTR Datasheet HTML 12Page - Rohm BD42500G-CTR Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9/22
TSZ22111
• 15 • 001
TSZ02201-0G7G0AN00580-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2.Jun.2016 Rev.001
www.rohm.com
BD42500G-C
0
1
2
3
4
5
6
100
120
140
160
180
200
Junction Temperarure : Tj[℃]
0
1
2
3
4
5
6
0
50
100
150
200
250
300
Output Current : Io[mA]
Tj=150℃
Tj=25℃
Tj=-40℃
0
10
20
30
40
50
60
70
80
-40
0
40
80
120
160
Junction Temperarure : Tj[℃]
-5
-4
-3
-2
-1
0
1
2
3
4
5
-40
10
60
110
160
Junction Temperarure : Tj[℃]
Typical Performance Curves
– continued
Unless otherwise specified: -40
°C ≤ Tj ≤ +150 °C, VCC = 13.5 V, VADJ/EN = 5 V, Io = 0 mA.
Figure 9. Tracking Accuracy vs. Junction Temperature
(Io=10mA)
Figure 10. Circuit Current vs. Junction Temperature
Figure 11. Output Voltage vs. Output Current
(Over Current Protection)
Figure 12. Output Voltage vs. Junction Temperature
(Thermal Shut Down)


Similar Part No. - BD42500G-CTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
BD42530EFJ-CE2 ROHM-BD42530EFJ-CE2 Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
BD42530EFJ-CE2 ROHM-BD42530EFJ-CE2 Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
BD42530FP2-C ROHM-BD42530FP2-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
More results

Similar Description - BD42500G-CTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD42530XXX-C ROHM-BD42530XXX-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
BD42540FJ-C ROHM-BD42540FJ-C Datasheet
1Mb / 26P
   70 mA Output Voltage Tracker
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251_07 Datasheet
373Kb / 13P
   Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
logo
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
   Voltage Tracker
BD3925FP-C ROHM-BD3925FP-C Datasheet
346Kb / 10P
   Voltage Tracker
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
   Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
logo
ABLIC Inc.
S-19720 ABLIC-S-19720 Datasheet
821Kb / 29P
   AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 50 mA VOLTAGE TRACKER WITH REVERSE CURRENT PROTECTION
Rev.1.2_00
logo
Infineon Technologies A...
TLS115B0 INFINEON-TLS115B0 Datasheet
994Kb / 25P
   High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLS105B0 INFINEON-TLS105B0 Datasheet
1Mb / 22P
   High Precision Voltage Tracker
Rev. 1.0 2018-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com