Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4S01G2 Datasheet(PDF) 7 Page - Rohm

Part # BU4S01G2
Description  Single 2-Input NOR Gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4S01G2 Datasheet(HTML) 7 Page - Rohm

Back Button BU4S01G2 Datasheet HTML 3Page - Rohm BU4S01G2 Datasheet HTML 4Page - Rohm BU4S01G2 Datasheet HTML 5Page - Rohm BU4S01G2 Datasheet HTML 6Page - Rohm BU4S01G2 Datasheet HTML 7Page - Rohm BU4S01G2 Datasheet HTML 8Page - Rohm BU4S01G2 Datasheet HTML 9Page - Rohm BU4S01G2 Datasheet HTML 10Page - Rohm BU4S01G2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/12
TSZ02201-0RDR0GZ00160-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
30.Sep.2015 Rev.002
www.rohm.com
TSZ22111 • 15 • 001
BU4S01G2
Typical Performance Curves - continued
Power Dissipation
Power dissipation(total loss) indicates the power that can be consumed by IC at TA=25°C(normal temperature). IC is heated
when it consumed power, and the temperature of IC chip becomes higher than ambient temperature. The temperature that
can be accepted by IC chip depends on circuit configuration, manufacturing process, and consumable power is limited.
Power dissipation is determined by the temperature allowed in IC chip(maximum junction temperature) and thermal
resistance of package(heat dissipation capability). The maximum junction temperature is typically equal to the maximum
value in the storage temperature range. Heat generated by consumed power of IC radiates from the mold resin or lead
frame of the package. The parameter which indicates this heat dissipation capability(hardness of heat release)is called
thermal resistance, represented by the symbol θJA (°C/W).The temperature of IC inside the package can be estimated by
this thermal resistance. Figure 11 shows the model of thermal resistance of the package. Thermal resistance θJA, ambient
temperature TA, maximum junction temperature TJmax, and power dissipation PD can be calculated by the equation below:
θJA = (TJmax-TA) / PD
(°C/W)
Derating curve in Figure 12 indicates power that can be consumed by IC with reference to ambient temperature. Power that
can be consumed by IC with reference to ambient temperature. Power that can be consumed by IC begins to attenuate at
certain ambient temperature. This gradient is determined by thermal resistance θJA. Thermal resistance θJA depends on
chip size, power consumption, package, ambient temperature, package condition, wind velocity, etc even when the same of
package is used. Thermal reduction curve indicates a reference value measured at a specified condition.
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
Ambient Temperature [℃]
Figure 10. “H” to ”L” Propagation Delay Time tPHL
Figure 9. ”L” to ”H” Propagation Delay Time tPLH
Figure 12. Derating Curve
Figure 11. Thermal Resistance
周囲温度
Ta [℃]
チップ 表面温度
Tj [℃]
消費電力 P [W]
Ambient temperature TA (°C)
Chip surface temperature TJ (°C)
θJA=(TJmax-TA)/PD (°C/W)
VDD=3V
VDD=5V
VDD=16V
VDD=10V
Operating Temperature Range
0
50
100
150
200
250
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
VDD=3V
VDD=5V
VDD=16V
VDD=10V
Operating Temperature Range
Ambient Temperature [°C]
85
BU4S01G2 (SSOP5)
0
50
100
150
200
250
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
Ambient Temperature [°C]


Similar Part No. - BU4S01G2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S01G2 ROHM-BU4S01G2 Datasheet
152Kb / 5P
   single 2 input NOR gates
BU4S01G2 ROHM-BU4S01G2 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4S01G2 ROHM-BU4S01G2 Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S01G2 ROHM-BU4S01G2 Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S01G2 ROHM-BU4S01G2 Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
More results

Similar Description - BU4S01G2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LX1G02 STMICROELECTRONICS-74LX1G02 Datasheet
200Kb / 10P
   SINGLE 2-INPUT NOR GATE
logo
Rohm
BU4S01 ROHM-BU4S01 Datasheet
39Kb / 4P
   Single 2-input NOR gate
logo
ON Semiconductor
NL17SG02 ONSEMI-NL17SG02 Datasheet
93Kb / 9P
   Single 2-Input NOR Gate
November, 2014 ??Rev. 6
MC74VHC1G02 ONSEMI-MC74VHC1G02_V01 Datasheet
183Kb / 14P
   Single 2-Input NOR Gate
March, 2022 ??Rev. 22
logo
Nexperia B.V. All right...
74LVC1G02-Q100 NEXPERIA-74LVC1G02-Q100 Datasheet
204Kb / 11P
   Single 2-input NOR gate
logo
Unisonic Technologies
U74AUC1G02 UTC-U74AUC1G02_15 Datasheet
187Kb / 5P
   SINGLE 2-INPUT NOR GATE
logo
ON Semiconductor
MC74HC1G02 ONSEMI-MC74HC1G02_18 Datasheet
171Kb / 9P
   Single 2-Input NOR Gate
November, 2018 ??Rev. 10
MC74HC1G02 ONSEMI-MC74HC1G02_V01 Datasheet
290Kb / 10P
   Single 2-Input NOR Gate
March, 2022?뭃ev. 12
logo
NXP Semiconductors
74LVC1G02 PHILIPS-74LVC1G02 Datasheet
85Kb / 14P
   Single 2-input NOR gate
2004 Sep 07
logo
ON Semiconductor
MC74VHC1G02 ONSEMI-MC74VHC1G02 Datasheet
99Kb / 8P
   SINGLE 2-INPUT NOR GATE
December, 1999 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com