Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4S11G2-TL Datasheet(PDF) 1 Page - Rohm

Part # BU4S11G2-TL
Description  Single 2-Input NAND Gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4S11G2-TL Datasheet(HTML) 1 Page - Rohm

  BU4S11G2-TL Datasheet HTML 1Page - Rohm BU4S11G2-TL Datasheet HTML 2Page - Rohm BU4S11G2-TL Datasheet HTML 3Page - Rohm BU4S11G2-TL Datasheet HTML 4Page - Rohm BU4S11G2-TL Datasheet HTML 5Page - Rohm BU4S11G2-TL Datasheet HTML 6Page - Rohm BU4S11G2-TL Datasheet HTML 7Page - Rohm BU4S11G2-TL Datasheet HTML 8Page - Rohm BU4S11G2-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
1/12
TSZ02201-0RDR0GZ00170-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
30.Sep.2015 Rev.002
TSZ22111 • 14 • 001
www.rohm.com
General Purpose CMOS Logic IC
Single 2-Input NAND Gate
BU4S11G2
General Description
The BU4S11G2 is a 2-input NAND gate.
An inverter-based buffer is incorporated at the gate output
to improve I/O transmission characteristics, and it
minimizes a variation in the propagation delay time
caused by an increase in the load capacitance.
Features
Low power consumption
High noise immunity
Wide operating supply voltage range
High input impedance
High fan out
Input can be directly driven 2 L-TTL inputs or 1 LS-TTL
Buffered output
Pin Configurations
Key Specifications
Supply Voltage Range:
+3V to +16V
Input Voltage Range:
0V to VDD
Operating Temperature Range:
-40°C to +85°C
Packages
W(Typ) x D(Typ) x H(Max)
SSOP5
2.90mm x 2.80mm x 1.25mm
Pin Descriptions
Truth Table
Pin No.
Symbol
I/O
Function
1
A
I
Input
2
B
I
Input
3
VSS
-
Ground
4
Y
O
Output
5
VDD
-
Power supply
INPUT
OUTPUT
A
B
Y
L
L
H
L
H
H
H
L
H
H
H
L
Y
VDD
VSS
B
A
1
2
3
5
4
(Top View)
SSOP5
Datasheet


Similar Part No. - BU4S11G2-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S11G2-TR ROHM-BU4S11G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
More results

Similar Description - BU4S11G2-TL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
MC74HC1G00 ONSEMI-MC74HC1G00 Datasheet
62Kb / 6P
   Single 2-Input NAND Gate
January, 2005 ??Rev. 9
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00_15 Datasheet
201Kb / 6P
   SINGLE 2-INPUT NAND GATE
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G00 ONSEMI-MC74VHC1G00_V01 Datasheet
182Kb / 14P
   Single 2-Input NAND Gate
March, 2022 ??Rev. 26
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
   Single 2-input NAND gate
Rev. 13 - 8 February 2022
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00_16 Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
NL17SZ00 ONSEMI-NL17SZ00_16 Datasheet
98Kb / 9P
   Single 2-Input NAND Gate
April, 2016 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com