Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL9110 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL9110
Description  Differential Receiver/Equalizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9110 Datasheet(HTML) 7 Page - Intersil Corporation

  EL9110 Datasheet HTML 1Page - Intersil Corporation EL9110 Datasheet HTML 2Page - Intersil Corporation EL9110 Datasheet HTML 3Page - Intersil Corporation EL9110 Datasheet HTML 4Page - Intersil Corporation EL9110 Datasheet HTML 5Page - Intersil Corporation EL9110 Datasheet HTML 6Page - Intersil Corporation EL9110 Datasheet HTML 7Page - Intersil Corporation EL9110 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
operation it is anticipated the X2 mode will be selected and
the output load will be back matched. A unity gain to the
output load will then be achieved with a gain control voltage
of about 0.35V. This allows the gain to be trimmed up or
down by 6dB to compensate for any gain/loss errors that
affect the contrast of the video signal. Figure 12 shows an
example plot of the gain to the load with gain control voltage.
FIGURE 12. VARIATION OF GAIN WITH GAIN CONTROL
VOLTAGE
Circuit and Layout Recommendation
The interconnection cable is a transmission line therefore for
proper function it should be treated like transmission line, a
refection-free termination is necessary.
A reflection-free termination is a real "ohmic" resistor with as
less as possible reactive parasitic.
The traces of the layout, up to the point where of the
termination resistor placed, are part of the transmission line
which also includes the cable's connector. A connector with
a better controlled impedance is an obligation for good
picture quality. The termination resistor should be placed
close to the inputs of the device's pins (pin 3 and pin 4.) The
small capacitance differential and common mode
capacitance of the input pins of the device makes it possible
to connect parallel to the termination resistor.
The cable will work as an antenna for all the RF spectrum
which is "in the air" where the cable is used. The spectrum,
particularly its common mode components, could and will
contain high energy level of transients which are above the
built-in protection level of the device and easily could
damage its inputs. Using a transient protection circuit
according to the given application is recommended.
Since the used signal's bandwidth is in the range of 100MHz,
for layout and power supply bypassing the roles of RF
design should be applied.
The following picture is taken from the DB9110 demo-
board's layout. For better visibility the ground plain is
removed.
The ground plane is shown in the following picture.
FIGURE 13. DEMO BOARD LAYOUT
The accompanying circuit diagram looks like:
FIGURE 14. CIRCUIT DIAGRAM
00.8
VGAIN
0.4
1
2
1.8
1.4
1
0.6
0.4
0.6
0.2
1.6
1.2
0.8
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
CTRL
_REF
VCTRL
VINP
VINM
VS-
CMOUT
VGAIN
LOGIC
_REF
CMEXT
VS+
ENBL
VSA+
VOUT
VSA-
0V
X2
R11
330
C5
1µF
R6
R7
R9
R5
C10
1µF
R12
330
C9
1µF
C8
1nF
C11
1nF
C7
1µF
C6
1nF
TP7
EL9110


Similar Part No. - EL9110

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9110 INTERSIL-EL9110 Datasheet
178Kb / 10P
   Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9110 RENESAS-EL9110 Datasheet
499Kb / 10P
   Differential Receiver/Equalizer
logo
Intersil Corporation
EL9110IU INTERSIL-EL9110IU Datasheet
178Kb / 10P
   Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9110IU RENESAS-EL9110IU Datasheet
499Kb / 10P
   Differential Receiver/Equalizer
logo
Intersil Corporation
EL9110IU-T13 INTERSIL-EL9110IU-T13 Datasheet
178Kb / 10P
   Differential Receiver/Equalizer
More results

Similar Description - EL9110

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
   Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9110 RENESAS-EL9110 Datasheet
499Kb / 10P
   Differential Receiver/Equalizer
logo
Intersil Corporation
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com